Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT1630 Datasheet(PDF) 2 Page - SiTime Corp.

Part # SIT1630
Description  Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT1630 Datasheet(HTML) 2 Page - SiTime Corp.

  SIT1630 Datasheet HTML 1Page - SiTime Corp. SIT1630 Datasheet HTML 2Page - SiTime Corp. SIT1630 Datasheet HTML 3Page - SiTime Corp. SIT1630 Datasheet HTML 4Page - SiTime Corp. SIT1630 Datasheet HTML 5Page - SiTime Corp. SIT1630 Datasheet HTML 6Page - SiTime Corp. SIT1630 Datasheet HTML 7Page - SiTime Corp. SIT1630 Datasheet HTML 8Page - SiTime Corp. SIT1630 Datasheet HTML 9Page - SiTime Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. 1.3
Page 2 of 9
www.sitime.com
SIT1630 Ultra-Low Power, Ultra-Small 32.768 kHz and 16.384 kHz Oscillator
Table 2. Pin Configuration
SMD
Pin
SOT23-5
Pin
Symbol
I/O
Functionality
1
2, 3
NC/GND
No Connect
Connect to GND or leave floating.
2
1
GND
Power Supply
Ground
Connect to ground. All GND pins must be connected to power supply ground.
3
5
CLK Out
OUT
Oscillator clock output. When interfacing to an MCU’s XTAL input, the CLK
Out is typically connected to the receiving IC’s X IN pin.
4
4
Vdd
Power Supply
Connect to power supply 1.5V
≤ Vdd ≤ 3.63V. Under normal operating
conditions, Vdd does not require external bypass/decoupling capacitor(s).
Internal power supply filtering will reject more than ±150 mVpp with frequency
components through 10 MHz.
SOT23-5 (Top View)
SMD Package (Top View)
Figure 1. Pin Assignments
Figure 2. Pin Assignments
System Block Diagram
Figure 3. SIT1630 Block Diagram
Table 3. Absolute Maximum
Attempted operation outside the absolute maximum ratings cause permanent damage to the part. Actual performance of the
IC is only guaranteed within the operational specifications, not at absolute maximum ratings.
Parameter
Test Condition
Value
Unit
Continuous Power Supply Voltage Range (Vdd)
-0.5 to 3.63
V
Short Duration Maximum Power Supply Voltage (Vdd)
≤30 minutes, over -40°C to +85°C
4.0
V
Short Duration Maximum Operating Temperature Range
Vdd = 1.5V - 3.63V,
≤30 mins
125
°C
Maximum Continuous Operating Life at Temperature Extreme
(meeting datasheet limits)
TA = -55°C, Continuous
Vdd = 1.8V
– 3.3V ±10%
8
Hours
Human Body Model ESD Protection
JESD22-A114
3000
V
Charge-Device Model (CDM) ESD Protection
JESD22-C101
750
V
Machine Model (MM) ESD Protection
JESD22-A115
300
V
Latch-up Tolerance
JESD78 Compliant
Mechanical Shock Resistance
Mil 883, Method 2002
10,000
g
Mechanical Vibration Resistance
Mil 883, Method 2007
70
g
2012 SMD Junction Temperature
150
°C
SOT23-5 Junction Temperature
150
°C
Storage Temperature
-65°C to 150°C
NC/GND
NC/GND
GND
CLK Out
VDD
1
2
3
4
5
1
4
3
2
NC
Vdd
CLK Out
GND
Sustaining
Prog
Ultra-Low
Power
PLL
NC/GND
GND


Similar Part No. - SIT1630

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
   Low Power, Standard Frequency Oscillator
SIT1618B SITIME-SIT1618B Datasheet
688Kb / 18P
   Standard Frequency, High Temperature Oscillator
More results

Similar Description - SIT1630

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1534 SITIME-SIT1534 Datasheet
843Kb / 12P
   Ultra-Small, Ultra-Low Power 1 Hz ??32.768 kHz Programmable Oscillator
SIT1572 SITIME-SIT1572 Datasheet
653Kb / 7P
   uPower, Ultra-Small 32.768 kHz (-)50 ppm Oscillator
logo
MICORO CRYSTAL SWITZERL...
MCSO2EU MICROCRYSTAL-MCSO2EU Datasheet
348Kb / 2P
   Ultra low consumption 32.768 kHz
logo
MMD Components
IM890 MMD-IM890 Datasheet
1Mb / 10P
   MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
logo
EM Microelectronic - MA...
EM1564 EMMICRO-EM1564 Datasheet
209Kb / 4P
   Low Power Crystal Oscillator 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7605-C9 MICROCRYSTAL-OM-7605-C9 Datasheet
1Mb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8_17 Datasheet
978Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com