Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT1630 Datasheet(PDF) 7 Page - SiTime Corp.

Part # SIT1630
Description  Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT1630 Datasheet(HTML) 7 Page - SiTime Corp.

  SIT1630 Datasheet HTML 1Page - SiTime Corp. SIT1630 Datasheet HTML 2Page - SiTime Corp. SIT1630 Datasheet HTML 3Page - SiTime Corp. SIT1630 Datasheet HTML 4Page - SiTime Corp. SIT1630 Datasheet HTML 5Page - SiTime Corp. SIT1630 Datasheet HTML 6Page - SiTime Corp. SIT1630 Datasheet HTML 7Page - SiTime Corp. SIT1630 Datasheet HTML 8Page - SiTime Corp. SIT1630 Datasheet HTML 9Page - SiTime Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Rev. 1.3
Page 7 of 9
www.sitime.com
SIT1630 Ultra-Low Power, Ultra-Small 32.768 kHz and 16.384 kHz Oscillator
Manufacturing Guidelines
1) No Ultrasonic Cleaning. Do not subject the SiT1630 to an ultrasonic cleaning environment. Permanent damage or long
term reliability issues to the MEMS structure may occur.
2) For Noisy, high EM environments, we recommend the following design guidelines:
Place oscillator as far away from EM noise sources as possible (e.g., high-voltage switching regulators, motor drive control).
Route noisy PCB traces, such as digital data lines or high di/dt power supply lines, away from the SiTime oscillator.
Add a low ESR/ESL, 0.1uF to 1.0uF ceramic capacitor (X7R) to help filter high frequency noise on the Vdd power-
supply line. Place it as close to the SiTime oscillator Vdd pin as possible.
Place a solid GND plane underneath the SiTime oscillator to shield the oscillator from noisy traces on the other board
layers.
3) For additional manufacturing guidelines and marking/tape-reel instructions, click on the following link:
http://www.sitime.com/component/docman/doc_download/243-manufacturing-notes-for-sitime-oscillators


Similar Part No. - SIT1630

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
Low Power, Standard Frequency Oscillator
SIT1618B SITIME-SIT1618B Datasheet
688Kb / 18P
Standard Frequency, High Temperature Oscillator
More results

Similar Description - SIT1630

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM1564 EMMICRO-EM1564 Datasheet
209Kb / 4P
Low Power Crystal Oscillator 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
MCSO2EU MICROCRYSTAL-MCSO2EU Datasheet
348Kb / 2P
Ultra low consumption 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
Low Power Clock Oscillator 32.768 kHz
logo
MMD Components
IM890 MMD-IM890 Datasheet
1Mb / 10P
MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
logo
MICORO CRYSTAL SWITZERL...
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8_17 Datasheet
978Kb / 2P
Low Power Clock Oscillator 32.768 kHz
logo
SiTime Corp.
SIT1534 SITIME-SIT1534 Datasheet
843Kb / 12P
Ultra-Small, Ultra-Low Power 1 Hz ??32.768 kHz Programmable Oscillator
SIT1572 SITIME-SIT1572 Datasheet
653Kb / 7P
uPower, Ultra-Small 32.768 kHz (-)50 ppm Oscillator
logo
MICORO CRYSTAL SWITZERL...
OM-7605-C9 MICROCRYSTAL-OM-7605-C9 Datasheet
1Mb / 2P
Low Power Clock Oscillator 32.768 kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com