Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT1630 Datasheet(PDF) 5 Page - SiTime Corp.

Part # SIT1630
Description  Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT1630 Datasheet(HTML) 5 Page - SiTime Corp.

  SIT1630 Datasheet HTML 1Page - SiTime Corp. SIT1630 Datasheet HTML 2Page - SiTime Corp. SIT1630 Datasheet HTML 3Page - SiTime Corp. SIT1630 Datasheet HTML 4Page - SiTime Corp. SIT1630 Datasheet HTML 5Page - SiTime Corp. SIT1630 Datasheet HTML 6Page - SiTime Corp. SIT1630 Datasheet HTML 7Page - SiTime Corp. SIT1630 Datasheet HTML 8Page - SiTime Corp. SIT1630 Datasheet HTML 9Page - SiTime Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev. 1.3
Page 5 of 9
www.sitime.com
SIT1630 Ultra-Low Power, Ultra-Small 32.768 kHz and 16.384 kHz Oscillator
Figure 9. Power Supply Noise Rejection (±150mV Noise)
Figure 10. LVCMOS Output Waveform
(Vswing = 1.8V, SiT1630AI-H4-DCC-32.768)


Similar Part No. - SIT1630

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
   Low Power, Standard Frequency Oscillator
SIT1618B SITIME-SIT1618B Datasheet
688Kb / 18P
   Standard Frequency, High Temperature Oscillator
More results

Similar Description - SIT1630

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1534 SITIME-SIT1534 Datasheet
843Kb / 12P
   Ultra-Small, Ultra-Low Power 1 Hz ??32.768 kHz Programmable Oscillator
SIT1572 SITIME-SIT1572 Datasheet
653Kb / 7P
   uPower, Ultra-Small 32.768 kHz (-)50 ppm Oscillator
logo
MICORO CRYSTAL SWITZERL...
MCSO2EU MICROCRYSTAL-MCSO2EU Datasheet
348Kb / 2P
   Ultra low consumption 32.768 kHz
logo
MMD Components
IM890 MMD-IM890 Datasheet
1Mb / 10P
   MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
logo
EM Microelectronic - MA...
EM1564 EMMICRO-EM1564 Datasheet
209Kb / 4P
   Low Power Crystal Oscillator 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7605-C9 MICROCRYSTAL-OM-7605-C9 Datasheet
1Mb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8_17 Datasheet
978Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com