Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT1618B Datasheet(PDF) 17 Page - SiTime Corp.

Part # SIT1618B
Description  Standard Frequency, High Temperature Oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT1618B Datasheet(HTML) 17 Page - SiTime Corp.

Back Button SIT1618B Datasheet HTML 10Page - SiTime Corp. SIT1618B Datasheet HTML 11Page - SiTime Corp. SIT1618B Datasheet HTML 12Page - SiTime Corp. SIT1618B Datasheet HTML 13Page - SiTime Corp. SIT1618B Datasheet HTML 14Page - SiTime Corp. SIT1618B Datasheet HTML 15Page - SiTime Corp. SIT1618B Datasheet HTML 16Page - SiTime Corp. SIT1618B Datasheet HTML 17Page - SiTime Corp. SIT1618B Datasheet HTML 18Page - SiTime Corp.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
The Smart Timing Choice
The Smart Timing Choice
Silicon MEMS Outperforms Quartz
Silicon MEMS Outperforms Quartz Rev. 1.1
www.sitime.com
Best Vibration Robustness
High-vibration environments are all around us. All electronics,
from handheld devices to enterprise servers and storage
systems are subject to vibration. Figure 5 shows a comparison
of vibration robustness.
Why is SiTime Best in Class:
• The moving mass of SiTime’s MEMS resonators is up to
3000 times smaller than quartz
• Center-anchored MEMS resonator is the most robust
design
Figure 5. Vibration Robustness[5]
Best Shock Robustness
SiTime’s oscillators can withstand at least 50,000 g shock.
They all maintain their electrical performance in operation
during shock events. A comparison with quartz devices is
shown in Figure 6.
Why is SiTime Best in Class:
• The moving mass of SiTime’s MEMS resonators is up to
3000 times smaller than quartz
• Center-anchored MEMS resonator is the most robust
design
Figure 6. Shock Robustness[6]
0.10
1.00
10.00
100.00
10
100
1000
VibrationFrequency(Hz)
VibrationSensitivityvs. Frequency
SiTime
TXC
Epson
Connor Winfield
Kyocera
SiLabs
SiTime
Up to 30x
Better
14.3
12.6
3.9
2.9
2.5
0.6
0
2
4
6
8
10
12
14
16
Kyocera
Epson
TXC
CW
SiLabs
SiTime
Differential XO Shock Robustness - 500 g
SiTime
Up to 25x
Better
Notes:
1. Data Source: Reliability documents of named companies.
2. Data source: SiTime and quartz oscillator devices datasheets.
3. Test conditions for Electro Magnetic Susceptibility (EMS):
• According to IEC EN61000-4.3 (Electromagnetic compatibility standard)
• Field strength: 3V/m
• Radiated signal modulation: AM 1 kHz at 80% depth
• Carrier frequency scan: 80 MHz – 1 GHz in 1% steps
• Antenna polarization: Vertical
• DUT position: Center aligned to antenna
Devices used in this test:
SiTime, SiT9120AC-1D2-33E156.250000 - MEMS based - 156.25 MHz
Epson, EG-2102CA 156.2500M-PHPAL3 - SAW based - 156.25 MHz
TXC, BB-156.250MBE-T - 3rd Overtone quartz based - 156.25 MHz
Kyocera, KC7050T156.250P30E00 - SAW based - 156.25 MHz
Connor Winfield (CW), P123-156.25M - 3rd overtone quartz based - 156.25 MHz
SiLabs, Si590AB-BDG - 3rd overtone quartz based - 156.25 MHz
4. 50 mV pk-pk Sinusoidal voltage.
Devices used in this test:
SiTime, SiT8208AI-33-33E-25.000000, MEMS based - 25 MHz
NDK, NZ2523SB-25.6M - quartz based - 25.6 MHz
Kyocera, KC2016B25M0C1GE00 - quartz based - 25 MHz
Epson, SG-310SCF-25M0-MB3 - quartz based - 25 MHz
5.
Devices used in this test: same as EMS test stated in Note 3.
6. Test conditions for shock test:
• MIL-STD-883F Method 2002
• Condition A: half sine wave shock pulse, 500-g, 1ms
• Continuous frequency measurement in 100 μs gate time for 10 seconds
Devices used in this test: same as EMS test stated in Note 3
7. Additional data, including setup and detailed results, is available upon request to qualified customers. Please contact productsupport@sitime.com.


Similar Part No. - SIT1618B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
Low Power, Standard Frequency Oscillator
SIT1630 SITIME-SIT1630 Datasheet
792Kb / 9P
Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
More results

Similar Description - SIT1618B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
Low Frequency Amplifier & High Frequency Oscillator
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
STATEK CORPORATION
LHTAT STATEK-LHTAT Datasheet
146Kb / 2P
HIGH TEMPERATURE OSCILLATOR
logo
Raltron Electronics Cor...
CMC202 RALTRON-CMC202 Datasheet
732Kb / 6P
MEMS Standard Frequency Oscillator
logo
SiTime Corp.
SIT8918B SITIME-SIT8918B Datasheet
674Kb / 18P
High Temperature Oscillator
SIT8919B SITIME-SIT8919B Datasheet
705Kb / 18P
High Frequency, High Temperature Oscillator
SIT9120 SITIME-SIT9120 Datasheet
477Kb / 13P
Standard Frequency Differential Oscillator
SIT9365 SITIME-SIT9365 Datasheet
378Kb / 12P
Standard Frequency Ultra-low Jitter Differential Oscillator
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
Low Power, Standard Frequency Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0148-TX-P TAITIEN-XO-0148-TX-P Datasheet
349Kb / 1P
High Frequency Temperature Compensate Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com