Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT1618B Datasheet(PDF) 16 Page - SiTime Corp.

Part # SIT1618B
Description  Standard Frequency, High Temperature Oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT1618B Datasheet(HTML) 16 Page - SiTime Corp.

Back Button SIT1618B Datasheet HTML 10Page - SiTime Corp. SIT1618B Datasheet HTML 11Page - SiTime Corp. SIT1618B Datasheet HTML 12Page - SiTime Corp. SIT1618B Datasheet HTML 13Page - SiTime Corp. SIT1618B Datasheet HTML 14Page - SiTime Corp. SIT1618B Datasheet HTML 15Page - SiTime Corp. SIT1618B Datasheet HTML 16Page - SiTime Corp. SIT1618B Datasheet HTML 17Page - SiTime Corp. SIT1618B Datasheet HTML 18Page - SiTime Corp.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
The Smart Timing Choice
The Smart Timing Choice
Silicon MEMS Outperforms Quartz
Silicon MEMS Outperforms Quartz Rev. 1.1
www.sitime.com
Best Reliability
Silicon is inherently more reliable than quartz. Unlike quartz
suppliers, SiTime has in-house MEMS and analog CMOS
expertise, which allows SiTime to develop the most reliable
products. Figure 1 shows a comparison with quartz
technology.
Why is SiTime Best in Class:
• SiTime’s MEMS resonators are vacuum sealed using an
advanced EpiSeal™ process, which eliminates foreign par-
ticles and improves long term aging and reliability
• World-class MEMS and CMOS design expertise
Figure 1. Reliability Comparison[1]
Best Aging
Unlike quartz, MEMS oscillators have excellent long term
aging performance which is why every new SiTime product
specifies 10-year aging. A comparison is shown in Figure 2.
Why is SiTime Best in Class:
• SiTime’s MEMS resonators are vacuum sealed using an
advanced EpiSeal process, which eliminates foreign parti-
cles and improves long term aging and reliability
• Inherently better immunity of electrostatically driven
MEMS resonator
Figure 2. Aging Comparison[2]
Best Electro Magnetic Susceptibility (EMS)
SiTime’s oscillators in plastic packages are up to 54 times
more immune to external electromagnetic fields than quartz
oscillators as shown in Figure 3.
Why is SiTime Best in Class:
• Internal differential architecture for best common mode
noise rejection
• Electrostatically driven MEMS resonator is more immune
to EMS
Figure 3. Electro Magnetic Susceptibility (EMS)[3]
Best Power Supply Noise Rejection
SiTime’s MEMS oscillators are more resilient against noise on
the power supply. A comparison is shown in Figure 4.
Why is SiTime Best in Class:
• On-chip regulators and internal differential architecture for
common mode noise rejection
• Best analog CMOS design expertise
Figure 4. Power Supply Noise Rejection[4]
Mean Time Between Failure (Million Hours)
14
16
28
38
500
0
200
400
600
Pericom
TXC
Epson
IDT (Fox)
SiTime
SiTime
20X Better
1.5
3.5
3.0
8.0
0
2
4
6
8
10
1-Year
10-Year
SiTime MEMS vs. Quartz Aging
SiTime MEMS Oscillator
Quartz Oscillator
SiTime
2X Better
- 39
- 40
- 42
- 43
- 45
- 73
- 90
- 80
- 70
- 60
- 50
- 40
- 30
Kyocera
Epson
TXC
CW
SiLabs
SiTime
SiTime vs Quartz
Electro Magnetic Susceptibility (EMS)
SiTime
54X Better
0.0
1.0
2.0
3.0
4.0
5.0
10
100
1,000
10,000
Power Supply Noise Frequency (kHz)
Power Supply Noise Rejection
SiTIme
NDK
Epson
Kyocera
SiTime 
SiTime
3X Better


Similar Part No. - SIT1618B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
Low Power, Standard Frequency Oscillator
SIT1630 SITIME-SIT1630 Datasheet
792Kb / 9P
Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
More results

Similar Description - SIT1618B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT8919B SITIME-SIT8919B Datasheet
705Kb / 18P
High Frequency, High Temperature Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0148-TX-P TAITIEN-XO-0148-TX-P Datasheet
349Kb / 1P
High Frequency Temperature Compensate Crystal Oscillator
logo
Raltron Electronics Cor...
CMC202 RALTRON-CMC202 Datasheet
732Kb / 6P
MEMS Standard Frequency Oscillator
logo
SiTime Corp.
SIT9120 SITIME-SIT9120 Datasheet
477Kb / 13P
Standard Frequency Differential Oscillator
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
Low Power, Standard Frequency Oscillator
SIT8918B SITIME-SIT8918B Datasheet
674Kb / 18P
High Temperature Oscillator
logo
STATEK CORPORATION
LHTAT STATEK-LHTAT Datasheet
146Kb / 2P
HIGH TEMPERATURE OSCILLATOR
logo
SiTime Corp.
SIT9365 SITIME-SIT9365 Datasheet
378Kb / 12P
Standard Frequency Ultra-low Jitter Differential Oscillator
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
Low Frequency Amplifier & High Frequency Oscillator
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
HIGH-FREQUENCY CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com