Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT1618B Datasheet(PDF) 14 Page - SiTime Corp.

Part # SIT1618B
Description  Standard Frequency, High Temperature Oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT1618B Datasheet(HTML) 14 Page - SiTime Corp.

Back Button SIT1618B Datasheet HTML 10Page - SiTime Corp. SIT1618B Datasheet HTML 11Page - SiTime Corp. SIT1618B Datasheet HTML 12Page - SiTime Corp. SIT1618B Datasheet HTML 13Page - SiTime Corp. SIT1618B Datasheet HTML 14Page - SiTime Corp. SIT1618B Datasheet HTML 15Page - SiTime Corp. SIT1618B Datasheet HTML 16Page - SiTime Corp. SIT1618B Datasheet HTML 17Page - SiTime Corp. SIT1618B Datasheet HTML 18Page - SiTime Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiTime Corporation
990 Almanor Avenue, Sunnyvale, CA 94085
(408) 328-4400
www.sitime.com
Supplemental Information
The Supplemental Information section is not part of the datasheet and is for informational purposes only.


Similar Part No. - SIT1618B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
   Low Power, Standard Frequency Oscillator
SIT1630 SITIME-SIT1630 Datasheet
792Kb / 9P
   Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
More results

Similar Description - SIT1618B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT8919B SITIME-SIT8919B Datasheet
705Kb / 18P
   High Frequency, High Temperature Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0148-TX-P TAITIEN-XO-0148-TX-P Datasheet
349Kb / 1P
   High Frequency Temperature Compensate Crystal Oscillator
logo
Raltron Electronics Cor...
CMC202 RALTRON-CMC202 Datasheet
732Kb / 6P
   MEMS Standard Frequency Oscillator
logo
SiTime Corp.
SIT9120 SITIME-SIT9120 Datasheet
477Kb / 13P
   Standard Frequency Differential Oscillator
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
   Low Power, Standard Frequency Oscillator
SIT8918B SITIME-SIT8918B Datasheet
674Kb / 18P
   High Temperature Oscillator
logo
STATEK CORPORATION
LHTAT STATEK-LHTAT Datasheet
146Kb / 2P
   HIGH TEMPERATURE OSCILLATOR
logo
SiTime Corp.
SIT9365 SITIME-SIT9365 Datasheet
378Kb / 12P
   Standard Frequency Ultra-low Jitter Differential Oscillator
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
   Low Frequency Amplifier & High Frequency Oscillator
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com