Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT1618B Datasheet(PDF) 13 Page - SiTime Corp.

Part # SIT1618B
Description  Standard Frequency, High Temperature Oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT1618B Datasheet(HTML) 13 Page - SiTime Corp.

Back Button SIT1618B Datasheet HTML 9Page - SiTime Corp. SIT1618B Datasheet HTML 10Page - SiTime Corp. SIT1618B Datasheet HTML 11Page - SiTime Corp. SIT1618B Datasheet HTML 12Page - SiTime Corp. SIT1618B Datasheet HTML 13Page - SiTime Corp. SIT1618B Datasheet HTML 14Page - SiTime Corp. SIT1618B Datasheet HTML 15Page - SiTime Corp. SIT1618B Datasheet HTML 16Page - SiTime Corp. SIT1618B Datasheet HTML 17Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Rev. 1.02
Page 13 of 13
www.sitime.com
© SiTime Corporation 2015. The information contained herein is subject to change at any time without notice. SiTime assumes no responsibility or liability for any loss, damage or defect of a
Product which is caused in whole or in part by (i) use of any circuitry other than circuitry embodied in a SiTime product, (ii) misuse or abuse including static discharge, neglect or accident, (iii)
unauthorized modification or repairs which have been soldered or altered during assembly and are not capable of being tested by SiTime under its normal test conditions, or (iv) improper
installation, storage, handling, warehousing or transportation, or (v) being subjected to unusual physical, thermal, or electrical stress.
Disclaimer: SiTime makes no warranty of any kind, express or implied, with regard to this material, and specifically disclaims any and all express or implied warranties, either in fact or by
operation of law, statutory or otherwise, including the implied warranties of merchantability and fitness for use or a particular purpose, and any implied warranty arising from course of dealing or
usage of trade, as well as any common-law duties relating to accuracy or lack of negligence, with respect to this material, any SiTime product and any product documentation. Products sold by
SiTime are not suitable or intended to be used in a life support application or component, to operate nuclear facilities, or in other mission critical applications where human life may be involved
or at stake. All sales are made conditioned upon compliance with the critical uses policy set forth below.
CRITICAL USE EXCLUSION POLICY
BUYER AGREES NOT TO USE SITIME'S PRODUCTS FOR ANY APPLICATION OR IN ANY COMPONENTS USED IN LIFE SUPPORT DEVICES OR TO OPERATE NUCLEAR FACILITIES
OR FOR USE IN OTHER MISSION-CRITICAL APPLICATIONS OR COMPONENTS WHERE HUMAN LIFE OR PROPERTY MAY BE AT STAKE.
SiTime owns all rights, title and interest to the intellectual property related to SiTime's products, including any software, firmware, copyright, patent, or trademark. The sale of SiTime products
does not convey or imply any license under patent or other rights. SiTime retains the copyright and trademark rights in all documents, catalogs and plans supplied pursuant to or ancillary to the
sale of products or services by SiTime. Unless otherwise agreed to in writing by SiTime, any reproduction, modification, translation, compilation, or representation of this material shall be strictly
prohibited.
The Smart Timing Choice
The Smart Timing Choice
Standard Frequency, High Temperature Oscillator
SiT1618B
Table 15. Additional Information
Document
Description
Download Link
Time Machine II
MEMS oscillator programmer
http://www.sitime.com/support/time-machine-oscillator-programmer
Field
Programmable
Oscillators
Devices that can be
programmable in the field
by Time Machine II
http://www.sitime.com/products/field-programmable-oscillators
Manufacturing
Notes
Tape & Reel dimension,
reflow profile and other
manufacturing related info
http://www.sitime.com/component/docman/doc_download/243-manufacturing-notes-for-sitime-oscillators
Qualification
Reports
RoHS report, reliability
reports, composition reports
http://www.sitime.com/support/quality-and-reliability
Performance
Reports
Additional performance data
such as phase noise, current
consumption and jitter for
selected frequencies
http://www.sitime.com/support/performance-measurement-report
Termination
Techniques
Termination design
recommendations
http://www.sitime.com/support/application-notes
Layout Techniques
Layout recommendations
http://www.sitime.com/support/application-notes
Revision History
Table 16. Datasheet Version and Change Log
Version
Release Date
Change Summary
1.0
7/14/14
First Production Release
1.01
5/7/15
• Revised the Timing Diagrams and Performance Plots
• Revised 2016 package diagram
1.02
6/18/15
• Added 16 mm T&R information to Table 14
• Revised 12 mm T&R information to Table 14


Similar Part No. - SIT1618B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
   Low Power, Standard Frequency Oscillator
SIT1630 SITIME-SIT1630 Datasheet
792Kb / 9P
   Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
More results

Similar Description - SIT1618B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT8919B SITIME-SIT8919B Datasheet
705Kb / 18P
   High Frequency, High Temperature Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0148-TX-P TAITIEN-XO-0148-TX-P Datasheet
349Kb / 1P
   High Frequency Temperature Compensate Crystal Oscillator
logo
Raltron Electronics Cor...
CMC202 RALTRON-CMC202 Datasheet
732Kb / 6P
   MEMS Standard Frequency Oscillator
logo
SiTime Corp.
SIT9120 SITIME-SIT9120 Datasheet
477Kb / 13P
   Standard Frequency Differential Oscillator
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
   Low Power, Standard Frequency Oscillator
SIT8918B SITIME-SIT8918B Datasheet
674Kb / 18P
   High Temperature Oscillator
logo
STATEK CORPORATION
LHTAT STATEK-LHTAT Datasheet
146Kb / 2P
   HIGH TEMPERATURE OSCILLATOR
logo
SiTime Corp.
SIT9365 SITIME-SIT9365 Datasheet
378Kb / 12P
   Standard Frequency Ultra-low Jitter Differential Oscillator
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
   Low Frequency Amplifier & High Frequency Oscillator
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com