Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT1618B Datasheet(PDF) 12 Page - SiTime Corp.

Part # SIT1618B
Description  Standard Frequency, High Temperature Oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT1618B Datasheet(HTML) 12 Page - SiTime Corp.

Back Button SIT1618B Datasheet HTML 8Page - SiTime Corp. SIT1618B Datasheet HTML 9Page - SiTime Corp. SIT1618B Datasheet HTML 10Page - SiTime Corp. SIT1618B Datasheet HTML 11Page - SiTime Corp. SIT1618B Datasheet HTML 12Page - SiTime Corp. SIT1618B Datasheet HTML 13Page - SiTime Corp. SIT1618B Datasheet HTML 14Page - SiTime Corp. SIT1618B Datasheet HTML 15Page - SiTime Corp. SIT1618B Datasheet HTML 16Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT1618B
Standard Frequency, High Temperature Oscillator
Rev. 1.02
Page 12 of 13
www.sitime.com
Ordering Information
The Part No. Guide is for reference only. To customize and build an exact part number, use the SiTime Part Number
Generator.
Table 13. List of Supported Frequencies
7.3728 MHz
8 MHz
8.192 MHz
9.8304 MHz
9.84375 MHz
11.0592 MHz
12 MHz
12.288 MHz
13 MHz
13.225625 MHz 13.52127 MHz
14.31818 MHz
14.7456 MHz
15 MHz
16 MHz
16.384 MHz
18.432 MHz
19.6608 MHz
20 MHz
22.1184 MHz
24 MHz
24.56 MHz
24.576 MHz
25 MHz
26 MHz
27 MHz
29.4912 MHz
30 MHz
32 MHz
33 MHz
36 MHz
40 MHz
48 MHz
Table 14. Ordering Codes for Supported Tape & Reel Packing Method
Device Size
(mm x mm)
16 mm T&R (3ku)
16 mm T&R (1ku)
12 mm T&R (3ku)
12 mm T&R (1ku)
8 mm T&R (3ku)
8 mm T&R (1ku)
2.0 x 1.6
D
E
2.5 x 2.0
D
E
3.2 x 2.5
D
E
5.0 x 3.2
T
Y
7.0 x 5.0
T
Y
Frequency
Refer to the Supported
Frequencies Table below
Part Family
“SiT1618”
Revision Letter
“B” is the revision
Temperature Range
Supply Voltage
“18” for 1.8V ±10%
“25” for 2.5V ±10%
“28” for 2.8V ±10%
“33” for 3.3V ±10%
Feature Pin
“E” for Output Enable
“S” for Standby
Frequency Stability
“1” for ±20 PPM
“2” for ±25 PPM
Package Size
“1” 2.5 x 2.0 mm
“2” 3.2 x 2.5 mm
“3” 5.0 x 3.2 mm
“8” 7.0 x 5.0 mm
SiT1618BA-12-18E -14.318180D
“3” for ±50 PPM
“7” 2.0 x 1.6 mm
“30” for 3.0V ±10%
Packing Method
“T”: 12 mm Tape & Reel, 3ku reel
“Y”: 12 mm Tape & Reel, 1ku reel
“D”: 8 mm Tape & Reel, 3ku reel
“E”: 8 mm Tape & Reel, 1ku reel
Blank for Bulk
“E” Ext. Industrial -40ºC to 105ºC
“A” Automotive -40ºC to 125ºC
“XX” for 2.5V -10% to 3.3V +10%
Output Drive Strength
“–” Default (datasheet limits)
See Tables 7 to 11 for rise/fall
times
“L”
“A”
“R”
“B”
“T”
“E”
“U”
“F”
“8” for ±30 PPM
“N” for No Connect


Similar Part No. - SIT1618B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
   Low Power, Standard Frequency Oscillator
SIT1630 SITIME-SIT1630 Datasheet
792Kb / 9P
   Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
More results

Similar Description - SIT1618B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT8919B SITIME-SIT8919B Datasheet
705Kb / 18P
   High Frequency, High Temperature Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0148-TX-P TAITIEN-XO-0148-TX-P Datasheet
349Kb / 1P
   High Frequency Temperature Compensate Crystal Oscillator
logo
Raltron Electronics Cor...
CMC202 RALTRON-CMC202 Datasheet
732Kb / 6P
   MEMS Standard Frequency Oscillator
logo
SiTime Corp.
SIT9120 SITIME-SIT9120 Datasheet
477Kb / 13P
   Standard Frequency Differential Oscillator
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
   Low Power, Standard Frequency Oscillator
SIT8918B SITIME-SIT8918B Datasheet
674Kb / 18P
   High Temperature Oscillator
logo
STATEK CORPORATION
LHTAT STATEK-LHTAT Datasheet
146Kb / 2P
   HIGH TEMPERATURE OSCILLATOR
logo
SiTime Corp.
SIT9365 SITIME-SIT9365 Datasheet
378Kb / 12P
   Standard Frequency Ultra-low Jitter Differential Oscillator
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
   Low Frequency Amplifier & High Frequency Oscillator
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com