Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT1618B Datasheet(PDF) 5 Page - SiTime Corp.

Part # SIT1618B
Description  Standard Frequency, High Temperature Oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT1618B Datasheet(HTML) 5 Page - SiTime Corp.

  SIT1618B Datasheet HTML 1Page - SiTime Corp. SIT1618B Datasheet HTML 2Page - SiTime Corp. SIT1618B Datasheet HTML 3Page - SiTime Corp. SIT1618B Datasheet HTML 4Page - SiTime Corp. SIT1618B Datasheet HTML 5Page - SiTime Corp. SIT1618B Datasheet HTML 6Page - SiTime Corp. SIT1618B Datasheet HTML 7Page - SiTime Corp. SIT1618B Datasheet HTML 8Page - SiTime Corp. SIT1618B Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT1618B
Standard Frequency, High Temperature Oscillator
Rev. 1.02
Page 5 of 13
www.sitime.com
Performance Plots[8]
Figure 8. Idd vs Frequency
Figure 9. Frequency vs Temperature
Figure 10. RMS Period Jitter vs Frequency
Figure 11. Duty Cycle vs Frequency
Figure 12. 20%-80% Rise Time vs Temperature
Figure 13. 20%-80% Fall Time vs Temperature
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
0
5
10
15
20
25
30
35
40
45
50
1.8 V
2.5 V
2.8 V
3 V
3.3 V
Frequency (MHz)
-25
-20
-15
-10
-5
0
5
10
15
20
25
‐40
‐20
0
20
40
60
80
100
120
DUT1
DUT2
DUT3
DUT4
DUT5
DUT6
DUT7
DUT8
DUT9
DUT10
DUT11
DUT12
DUT13
DUT14
DUT15
DUT16
DUT17
DUT18
DUT19
DUT20
DUT21
DUT22
DUT23
DUT24
DUT25
Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
10
20304050
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
Frequency (MHz)
45
46
47
48
49
50
51
52
53
54
55
0
5
10
15
20
25
30
35
40
45
50
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
Frequency (MHz)
0.0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20
406080
100
120
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
204060
80
100
120
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
Temperature (°C)


Similar Part No. - SIT1618B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
Low Power, Standard Frequency Oscillator
SIT1630 SITIME-SIT1630 Datasheet
792Kb / 9P
Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
More results

Similar Description - SIT1618B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
Low Frequency Amplifier & High Frequency Oscillator
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
STATEK CORPORATION
LHTAT STATEK-LHTAT Datasheet
146Kb / 2P
HIGH TEMPERATURE OSCILLATOR
logo
Raltron Electronics Cor...
CMC202 RALTRON-CMC202 Datasheet
732Kb / 6P
MEMS Standard Frequency Oscillator
logo
SiTime Corp.
SIT8918B SITIME-SIT8918B Datasheet
674Kb / 18P
High Temperature Oscillator
SIT8919B SITIME-SIT8919B Datasheet
705Kb / 18P
High Frequency, High Temperature Oscillator
SIT9120 SITIME-SIT9120 Datasheet
477Kb / 13P
Standard Frequency Differential Oscillator
SIT9365 SITIME-SIT9365 Datasheet
378Kb / 12P
Standard Frequency Ultra-low Jitter Differential Oscillator
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
Low Power, Standard Frequency Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0148-TX-P TAITIEN-XO-0148-TX-P Datasheet
349Kb / 1P
High Frequency Temperature Compensate Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com