Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBP-204 Datasheet(PDF) 1 Page - Mini-Circuits

Part # RBP-204
Description  Bandpass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RBP-204 Datasheet(HTML) 1 Page - Mini-Circuits

  RBP-204 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
RF IN
2
RF OUT
6
GROUND
1,3,4,5,7,8
50Ω
175 to 237 MHz
Maximum Ratings
Metal Shield
RBP-204+
Bandpass Filter
Applications
• harmonic rejection
• transmitters / receivers
• military radio
Features
• VSWR, 1.4:1 typ. @ passband
• small size 0.35" x 0.35"
• shielded case
• aqueous washable
Typical Frequency Response
Outline Dimensions (
)
inch
mm
Demo Board MCL P/N: TB-332
Suggested PCB Layout (PL-176)
Outline Drawing
CASE STYLE: GP731
Pin Connections
Typical Performance Data at 25°C
Permanent damage may occur if any of these limits are exceeded.
A
B
C
D
E
F
G
H
J
.350 .350 .100 .175 .075 .100 .110 .040 .080
8.89 8.89 2.54 4.45 1.93 2.54 2.79 1.02 2.03
Frequency
Insertion Loss
VSWR
(MHz)
(dB)
(:1)
0.5
90.94
1737.18
50
88.29
1737.18
115
46.96
102.19
135
29.78
36.20
150
14.59
10.31
157
7.46
3.84
162
4.21
1.85
175
2.32
1.18
204
2.11
1.51
237
2.40
1.12
255
5.86
2.95
264
11.45
7.31
280
21.72
18.70
300
31.40
33.42
350
46.24
69.49
700
72.03
144.77
1500
79.02
66.82
2000
73.23
54.29
REV. B
M151121
EDR-8794UF1
RBP-204+
URJ/RAV
161114
Page 1 of 1
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W at 25ºC
RBP-204+
INSERTION LOSS
0
20
40
60
80
100
120
0
500
1000
1500
2000
FREQUENCY (MHz)
1.8
2.0
2.2
2.4
2.6
175.0
190.5
206.0
221.5
237.0
RBP-204+
VSWR
1
10
100
1000
0
500
1000
1500
2000
FREQUENCY (MHz)
1.0
1.2
1.4
1.6
1.8
175.0
190.5
206.0
221.5
237.0
K
L
M
N
P
Q
R
wt
.050 .040 .195 .390 .120 .390 .070
grams
1.27 1.02 4.95 9.91 3.05 9.91 1.78
0.25
1. TRACE WIDTH IS SHOWN FOR FR4 WITH DIELECTRIC THICKNESS
.025” ± .002”; COPPER: 1/2 OZ. EACH SIDE.
FOR OTHER MATERIALS TRACE WIDTH MAY NEED TO BE MODIFIED.
2. BOTTOM SIDE OF THE PCB IS CONTINUOUS GROUND PLANE.
DENOTES PCB COPPER LAYOUT WITH SMOBC
(SOLDER MASK OVER BARE COPPER)
DENOTES COPPER LAND PATTERN FREE OF SOLDER MASK
NOTES:
PACKAGE
OUTLINE
.040
TYP.
.140 TYP.
8X Ø .020 PTH
FOR GROUND
.045 ± .002
LINE WIDTH, 2 PL.
(SEE NOTE BELOW)
PIN1
.100 TYP.
.070 TYP.
.110
.390 SQ.
Bandpass Filter Electrical Specifications (T
AMB= 25
O
C)
CENTER
PASSBAND
STOPBANDS (MHz)
VSWR (:1)
FREQ.
(MHz)
(MHz)
(Loss < 3dB)
Loss > 20dB
Loss > 35dB
Passband
Stopband
Fc
F1 - F2
F3
F4
F5
F6
Typ.
Max.
Typ.
204
175 - 237
135
300
115
350 - 2000
1.4
2.1
18
F6
F4
F2
F1
F3
F5
35
20
3
FREQUENCY (MHz)
Suggested Layout,
Tolerance to be within ±.002
METALLIZATION
SOLDER RESIST
PCB Land Pattern
Functional Schematic
RF IN
RF OUT
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200
13”
500,1000
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - RBP-204

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RBP-220 MINI-RBP-220 Datasheet
328Kb / 1P
   Bandpass Filter
RBP-220++ MINI-RBP-220+ Datasheet
328Kb / 1P
   Bandpass Filter
RBP-220W MINI-RBP-220W Datasheet
335Kb / 1P
   Bandpass Filter
RBP-220W++ MINI-RBP-220W+ Datasheet
335Kb / 1P
   Bandpass Filter
RBP-253 MINI-RBP-253 Datasheet
313Kb / 1P
   Bandpass Filter
More results

Similar Description - RBP-204

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com