Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA7260Q Datasheet(PDF) 8 Page - Motorola, Inc

Part # MMA7260Q
Description  1.5g - 6g Three Axis Low-g Micromachined Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMA7260Q Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MMA7260Q Datasheet HTML 4Page - Motorola, Inc MMA7260Q Datasheet HTML 5Page - Motorola, Inc MMA7260Q Datasheet HTML 6Page - Motorola, Inc MMA7260Q Datasheet HTML 7Page - Motorola, Inc MMA7260Q Datasheet HTML 8Page - Motorola, Inc MMA7260Q Datasheet HTML 9Page - Motorola, Inc MMA7260Q Datasheet HTML 10Page - Motorola, Inc MMA7260Q Datasheet HTML 11Page - Motorola, Inc MMA7260Q Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NOTES:
1.
2.
3.
4.
5.
6.
7.
ALL DIMENSIONS ARE IN MILLIMETERS.
INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
THIS DIMENSION APPLIES TO METALLIZED
TERMINAL AND IS MEASURED BETWEEN 0.25MM
AND 0.30MM FROM TERMINAL TIP.
THIS DIMENSION REPRESENTS TERMINAL FULL
BACK FROM PACKAGE EDGE UP TO 0.1MM IS
ACCEPTABLE.
COPLANARITY APPLIES TO THE EXPOSED HEAT
SLUG AS WELL AS THE TERMINAL.
RADIUS ON TERMINAL IS OPTIONAL.
MINIMUM METAL GAP 0.2MM.
(45˚)
16X
0.1
4
DETAIL M
PIN 1
INDEX AREA
6
B
C
0.10
2X
2X
C
0.10
A
6
M
M
(0.203)
C
0.1
C
0.08
C SEATING PLANE
5
DETAIL G
VIEW ROTATED 90˚ CLOCKWISE
(1)
(0.5)
(0.102)
1.45±0.1
EXPOSED DIE
ATTACH PAD
13
4
1
16
12X
9
12
85
M
0.1
C
M
0.05
C
A B
16X 0.63
0.43
C
0.1
A B
VIEW M-M
DETAIL M
PIN 1 INDEX
DETAIL G
C
0.1
A B
16X
0.60
0.40
1
4.24
4.04
4.24
4.04
0.5
3
Sensors
2-8
Freescale Semiconductor
MMA7260Q
PACKAGE DIMENSIONS
CASE 1622-01
ISSUE O


Similar Part No. - MMA7260Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7260QR2 FREESCALE-MMA7260QR2 Datasheet
284Kb / 11P
   짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
MMA7260QR2 FREESCALE-MMA7260QR2 Datasheet
330Kb / 12P
   짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
MMA7260QR2 FREESCALE-MMA7260QR2 Datasheet
193Kb / 12P
   짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7260QR2 NXP-MMA7260QR2 Datasheet
244Kb / 12P
   짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
Rev 5, 03/2008
logo
Freescale Semiconductor...
MMA7260QT FREESCALE-MMA7260QT Datasheet
284Kb / 11P
   짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
More results

Similar Description - MMA7260Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7368LT FREESCALE-MMA7368LT Datasheet
164Kb / 11P
   ,-1.5g Three Axis Low-g Micromachined Accelerometer
MMA7260QT FREESCALE-MMA7260QT_08 Datasheet
193Kb / 12P
   짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7260QT NXP-MMA7260QT Datasheet
244Kb / 12P
   짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
Rev 5, 03/2008
logo
Freescale Semiconductor...
MMA7360L FREESCALE-MMA7360L Datasheet
243Kb / 10P
   짹1.5g-6g Three Axis Low-g Micromachined Accelerometer
MMA7260QT FREESCALE-MMA7260QT Datasheet
284Kb / 11P
   짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
MMA7260QT FREESCALE-MMA7260QT_07 Datasheet
330Kb / 12P
   짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
MMA6280Q FREESCALE-MMA6280Q Datasheet
129Kb / 8P
   짹1.5g - 6g Dual Axis Low-g Micromachined Accelerometer
logo
Motorola, Inc
MMA2260D MOTOROLA-MMA2260D Datasheet
312Kb / 8P
   1.5g X-Axis Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA7368L FREESCALE-MMA7368L Datasheet
158Kb / 11P
   짹1.5g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7368L NXP-MMA7368L Datasheet
204Kb / 11P
   짹1.5g Three Axis Low-g Micromachined Accelerometer
Rev 0, 05/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com