Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPF-C587 Datasheet(PDF) 2 Page - Mini-Circuits

Part # BPF-C587
Description  Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BPF-C587 Datasheet(HTML) 2 Page - Mini-Circuits

  BPF-C587 Datasheet HTML 1Page - Mini-Circuits BPF-C587 Datasheet HTML 2Page - Mini-Circuits BPF-C587 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Surface Mount
BPF-C587+
Electrical Specifications at 25°C
CASE STYLE: HU1186
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Center Frequency
587
MHz
Insertion Loss
F1-F2
470-705
2.0
2.5
dB
Flatness
F1-F2
470-705
1.0
1.5
dB
VSWR
F1-F2
470-705
1.7
1.9
:1
Stop Band, Lower
Insertion Loss
DC-F3
DC-400
25
30
dB
VSWR
DC-F3
DC-400
20
:1
Stop Band, Upper
Insertion Loss
F4-F5
800-1500
20
25
dB
VSWR
F4-F5
800-1500
20
:1
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
1 W
Permanent damage may occur if any of these limits are exceeded.
REV.OR
M162325
BPF-C587+
EDU2460/1
URJ
180116
Page 2 of 3
Typical Frequency Response
Functional Schematic
DC
F3 F1
F2
FREQUENCY (MHz)
F4
F5
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
50Ω
470 to 705 MHz
Bandpass Filter
Applications
• Harmonic rejection
• TV Broadcasting / HDTV
• Transmitters / Receivers
Features
• Sharp roll-off
• Wide bandwidth
• Good VSWR
• Miniature shielded package
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
0
10
20
30
40
50
400
500
600
700
800
900
FREQUENCY (MHz)
BPF-C587+
INSERTION LOSS (Zoomed)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
445
495
545
595
645
695
745
FREQUENCY (MHz)
BPF-C587+
VSWR
0
10
20
30
40
50
60
0
250
500
750
1000
1250
1500
FREQUENCY (MHz)
BPF-C587+
INSERTION LOSS (Full band)
0
5
10
15
20
25
435
475
515
555
595
635
675
715
755
795
FREQUENCY (MHz)
BPF-C587+
GROUP DELAY
1
102.01
352.40
470
13.22
50
83.87
442.67
480
9.11
200
55.72
190.60
490
7.17
400
33.32
37.80
500
6.03
446
22.17
7.15
510
5.32
448
16.82
5.41
520
4.83
450
12.33
3.84
530
4.45
458
3.43
1.16
540
4.16
470
1.61
1.30
550
3.92
587
0.67
1.17
587
3.44
705
0.99
1.25
600
3.38
720
1.34
1.54
620
3.34
740
2.99
2.74
640
3.35
760
7.69
5.64
650
3.39
784
19.87
9.56
660
3.46
794
29.43
10.86
670
3.58
800
37.59
11.63
680
3.76
1000
34.39
29.94
690
4.01
1250
30.20
36.43
700
4.34
1500
31.49
32.24
705
4.55


Similar Part No. - BPF-C587

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BPF-C510 MINI-BPF-C510 Datasheet
491Kb / 3P
   Bandpass Filter
BPF-C510++ MINI-BPF-C510+ Datasheet
491Kb / 3P
   Bandpass Filter
BPF-C550 MINI-BPF-C550 Datasheet
468Kb / 3P
   Bandpass Filter
BPF-C550++ MINI-BPF-C550+ Datasheet
468Kb / 3P
   Bandpass Filter
BPF-C59 MINI-BPF-C59 Datasheet
830Kb / 3P
   Bandpass Filter
More results

Similar Description - BPF-C587

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com