Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPF-C587 Datasheet(PDF) 1 Page - Mini-Circuits

Part # BPF-C587
Description  Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BPF-C587 Datasheet(HTML) 1 Page - Mini-Circuits

  BPF-C587 Datasheet HTML 1Page - Mini-Circuits BPF-C587 Datasheet HTML 2Page - Mini-Circuits BPF-C587 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• Sharp roll-off
• Flatness 1.0 dB typical over the passband
• Wide bandwidth
• Good VSWR
• Miniature shielded package
Product Overview
The BPF-C587+ is a wide band filter in a small shielded package (size of 0.87" x 0.80" x 0.25") fabricated using
SMT technology. This filter offers sharp roll-off and rejection of 25 dB Typ. for use in HDTV broadcasting.
Feature
Advantages
Sharp roll-off
Provides good rejection of signals close to passband for improved systems performance.
Good VSWR
This filter maintains typical VSWR over passband frequency range making this filter easier to inte-
grate into receiver and transmitter RF chains with less concerns for in band frequency ripple.
Flatness 1.0 dB typical
Better flatness over the full HDTV broadcasting band ( 420-705 MHz) making this ideal for use in ap-
plications where flatness and repeatability are critical performance requirements.
Metal SMT Shielded case.
Reduced interference to, and from surrounding components.
Key Features
BPF-C587+
50Ω
470 to 705 MHz
CASE STYLE: HU1186
Bandpass Filter
Surface Mount
Page 1 of 3


Similar Part No. - BPF-C587

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BPF-C510 MINI-BPF-C510 Datasheet
491Kb / 3P
Bandpass Filter
BPF-C510++ MINI-BPF-C510+ Datasheet
491Kb / 3P
Bandpass Filter
BPF-C550 MINI-BPF-C550 Datasheet
468Kb / 3P
Bandpass Filter
BPF-C550++ MINI-BPF-C550+ Datasheet
468Kb / 3P
Bandpass Filter
BPF-C59 MINI-BPF-C59 Datasheet
830Kb / 3P
Bandpass Filter
More results

Similar Description - BPF-C587

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com