Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPF-C495+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # BPF-C495+
Description  Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BPF-C495+ Datasheet(HTML) 2 Page - Mini-Circuits

  BPF-C495+ Datasheet HTML 1Page - Mini-Circuits BPF-C495+ Datasheet HTML 2Page - Mini-Circuits BPF-C495+ Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Surface Mount
BPF-C495+
Electrical Specifications at 25°C
CASE STYLE: HU1186
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
1W max.
Permanent damage may occur if any of these limits are exceeded.
REV. A
M160513
BPF-C495+
EDR-9350AUF1
RAV/URJ/NY
161230
Typical Frequency Response
Functional Schematic
RF IN
RF OUT
50Ω
470 to 520 MHz
Bandpass Filter
BPF-C495+
INSERTION LOSS (Full band)
0
20
40
60
80
100
0
300
600
900 1200 1500 1800 2100 2400 2700
FREQUENCY (MHz)
1.4
1.6
1.8
2.0
470 480 490 500 510 520
BPF-C495+
VSWR
1
10
100
1000
0
300 600 900 1200 1500 1800 2100 2400 2700
FREQUENCY (MHz)
1.1
1.2
1.3
1.4
470 480 490 500 510 520
BPF-C495+
INSERTION LOSS (Passband)
0
20
40
60
80
100
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
BPF-C495+
INSERTION PHASE & DEVIATION FROM
LINEAR PHASE
-150
-100
-50
0
50
100
150
470 475 480 485 490 495 500 505 510 515 520
FREQUENCY (MHz)
-15
-10
-5
0
5
10
15
INSERTION PHASE
PHASE DEVIATION
Applications
• Harmonic rejection
• Transmitters / receivers
• TV broadcasting
Features
• High rejection, 70 dB typical
• Linear phase, up to ±9 deg typical over Fc ±30MHz
• Good VSWR, 1.3:1 typical in passband
• Sharp insertion loss roll off
• Shielded case
• Aqueous washable
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Center Frequency
Fc
495
MHz
Insertion Loss
F1-F2
470-520
2.0
3.0
dB
VSWR
F1-F2
470-520
1.3
1.8
:1
Stop Band, Lower
Insertion Loss
DC-F3
DC-410
20
27
dB
VSWR
DC-F3
DC-410
29
:1
Stop Band, Upper
Insertion Loss
F4-F5
625-2600
20
30
dB
VSWR
F4-F5
625-2600
27
:1
Maximum Deviation from Linear Phase
Fc ±30MHz
465-525
±9
±18
deg
Surface Mount
DC
F3 F1
F2
FREQUENCY (MHz)
F4
F5
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
0.5
87.14
211.87
465.0
8.60
370.0
48.91
74.88
466.0
7.39
410.0
28.18
28.64
470.0
3.46
430.0
14.83
11.27
472.0
1.95
440.0
8.14
4.95
474.0
0.70
450.0
3.85
2.08
476.0
-0.34
460.0
2.45
1.34
478.0
-1.18
470.0
2.06
1.25
480.0
-1.85
480.0
1.90
1.30
484.0
-2.75
495.0
1.79
1.26
490.0
-3.21
510.0
1.76
1.15
495.0
-2.93
520.0
1.78
1.13
500.0
-2.22
550.0
3.17
1.90
503.0
-1.63
560.0
6.57
2.63
504.0
-1.41
575.0
11.67
8.09
506.0
-0.94
600.0
21.88
17.81
510.0
0.10
625.0
29.80
27.07
515.0
1.47
700.0
46.47
57.93
518.0
2.28
1200.0
90.71
145.46
520.0
2.81
2600.0
52.36
51.57
525.0
3.99
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - BPF-C495+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BPF-C45 MINI-BPF-C45 Datasheet
466Kb / 1P
   Bandpass Filter
BPF-C45++ MINI-BPF-C45+ Datasheet
466Kb / 1P
   Bandpass Filter
BPF-C450 MINI-BPF-C450 Datasheet
433Kb / 1P
   Bandpass Filter
BPF-C450++ MINI-BPF-C450+ Datasheet
433Kb / 1P
   Bandpass Filter
BPF-C4R5 MINI-BPF-C4R5 Datasheet
652Kb / 3P
   Bandpass Filter
More results

Similar Description - BPF-C495+

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com