Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPF-C495+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # BPF-C495+
Description  Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BPF-C495+ Datasheet(HTML) 1 Page - Mini-Circuits

  BPF-C495+ Datasheet HTML 1Page - Mini-Circuits BPF-C495+ Datasheet HTML 2Page - Mini-Circuits BPF-C495+ Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 3
The Big Deal
• High rejection (70 dB typical)
• Linear phase (± 9deg typical over Fc ± 30 MHz)
• Miniature shielded case
Product Overview
The BPF-C495+ is a narrow band pass filter in a metal shielded package (size of 0.87" x 0.80" x .25") fabricated using
SMT technology. The BPF-C495+ offers a typical pass band insertion loss of 1.7 dB with sharp roll-off and stopband
rejection down to 90 dB typ. In addition, it has repeatable performance across production lots and consistent perfor-
mance across temperature.
Key Features
BPF-C495+
50Ω
470 to 520 MHz
CASE STYLE: HU1186
Bandpass Filter
Surface Mount
Feature
Advantages
Minimal Phase deviation over attenu-
ation range: ± 9 deg typical over Fc
±30MHz.
Can provide low signal distortion for high data rate communication systems.
High rejection, 70dB typical
Achieving 90dB rejection at 1200MHz; the BPF-C495+ provides a versatile anti aliasing solution for
high data rate receivers.
Good VSWR, 1.3:1 typical over
passband
The BPF-C495+ has very good return loss over the operating bandwidth which enables low ripple
interface when cascaded with other devices.
Sharp roll off
Provides good rejection of signals close to the passband, for improved system
performance.
Metal SMT shielded case
Reduced interference to, and from surrounding components.


Similar Part No. - BPF-C495+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BPF-C45 MINI-BPF-C45 Datasheet
466Kb / 1P
   Bandpass Filter
BPF-C45++ MINI-BPF-C45+ Datasheet
466Kb / 1P
   Bandpass Filter
BPF-C450 MINI-BPF-C450 Datasheet
433Kb / 1P
   Bandpass Filter
BPF-C450++ MINI-BPF-C450+ Datasheet
433Kb / 1P
   Bandpass Filter
BPF-C4R5 MINI-BPF-C4R5 Datasheet
652Kb / 3P
   Bandpass Filter
More results

Similar Description - BPF-C495+

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com