Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPF-C495 Datasheet(PDF) 3 Page - Mini-Circuits

Part # BPF-C495
Description  Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BPF-C495 Datasheet(HTML) 3 Page - Mini-Circuits

  BPF-C495 Datasheet HTML 1Page - Mini-Circuits BPF-C495 Datasheet HTML 2Page - Mini-Circuits BPF-C495 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bandpass Filter
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 3
BPF-C495+
Suggested Layout,
Tolerance to be within ±.002
PCB Land Pattern
Outline Drawing
INPUT
2
OUTPUT
9
NOT CONNECTED
6,13
GROUND
1,3,4,5,7,8,10,11,12,14
Pad Connections
Demo Board MCL P/N: TB-500+
Suggested PCB Layout (PL-294)
inch
mm
Outline Dimensions (
)
A
B
C
D
E
F
GH
.870
.800
.25
.100
.097
--
.060
.040
22.10 20.32
6.35
2.54
2.46
--
1.52
1.02
J
K
L
M
N
P
wt
.105
.910
--
.060
.060
--
grams
2.67 23.11
--
1.52
1.52
--
2.85


Similar Part No. - BPF-C495

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BPF-C45 MINI-BPF-C45 Datasheet
466Kb / 1P
   Bandpass Filter
BPF-C45++ MINI-BPF-C45+ Datasheet
466Kb / 1P
   Bandpass Filter
BPF-C450 MINI-BPF-C450 Datasheet
433Kb / 1P
   Bandpass Filter
BPF-C450++ MINI-BPF-C450+ Datasheet
433Kb / 1P
   Bandpass Filter
BPF-C4R5 MINI-BPF-C4R5 Datasheet
652Kb / 3P
   Bandpass Filter
More results

Similar Description - BPF-C495

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com