Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPF-C138 Datasheet(PDF) 1 Page - Mini-Circuits

Part # BPF-C138
Description  Bandpass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BPF-C138 Datasheet(HTML) 1 Page - Mini-Circuits

  BPF-C138 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
REV. A
M151121
EDR-8830/1AUF1
BPF-C138+
URJ/RAV
161107
Page 1 of 1
50Ω
105 to 180 MHz
Maximum Ratings
Operating Temperature
-40oC to 85oC
Storage Temperature
-55oC to 100oC
RF Power Input
0.5W Max.
Pin Connections
Surface Mount
BPF-C138+
Bandpass Filter
Features
• High rejection
• Good VSWR, 1.3:1 typ @ passband
• Shielded case
• Aqueous washable
Applications
• Receivers / transmitters
• Wireless communication systems
Bandpass Filter Electrical Specifications (T
AMB= 25
O
C)
Typical Frequency Response
Functional Schematic
CENTER
PASSBAND
STOPBANDS (MHz)
VSWR (:1)
FREQ.
(MHz)
(MHz)
(Loss < 3dB)
Loss > 20dB
Loss > 40dB
Passband
Stopband
Fc
F1 - F2
F3
F4
F5
F6
Typ.
Max.
Typ.
138
105 - 180
87
201
70
220 - 750
1.3
1.5
18
Frequency
Insertion Loss
Return Loss
Frequency
Group Delay
(MHz)
(dB)
(dB)
(MHz)
(nSec)
x
σ
0.5
75.17
2.99
0.00
105.0
22.71
70.0
50.00
1.11
0.15
110.0
17.94
87.0
35.58
4.91
0.53
115.0
15.36
90.0
20.97
2.27
0.79
120.0
13.76
93.0
11.31
1.32
1.56
125.0
12.69
95.0
6.55
0.86
3.07
130.0
11.93
97.0
3.52
0.43
6.44
135.0
11.52
99.0
2.09
0.16
12.18
138.0
11.35
105.0
1.19
0.02
16.74
140.0
11.32
138.0
0.70
0.02
21.71
145.0
11.34
180.0
1.38
0.05
19.36
150.0
11.58
188.0
2.62
0.20
12.94
155.0
11.95
192.0
6.52
0.76
4.97
160.0
12.56
195.0
12.89
1.09
2.34
162.0
12.88
200.0
27.70
1.49
1.21
168.0
14.24
201.0
31.52
1.70
1.12
170.0
14.86
220.0
45.26
1.10
0.58
175.0
17.10
750.0
73.96
8.40
0.48
180.0
20.64
Typical Performance Data at 25oC
CASE STYLE: HU1186
BPF-C138+
INSERTION LOSS
0
15
30
45
60
75
90
0
125
250
375
500
625
750
FREQUENCY (MHz)
BPF-C138+
GROUP DELAY
10
12
14
16
18
20
22
24
105
120
135
150
165
180
FREQUENCY (MHz)
BPF-C138+
RETURN LOSS
0
5
10
15
20
25
30
0
125
250
375
500
625
750
FREQUENCY (MHz)
INPUT
2
OUTPUT
9
NOT CONNECTED
6, 13
GROUND
1, 3, 4, 5, 7,8,10,11,12,14
F6
F4
F2
F1
F3
F5
40
20
3
FREQUENCY (MHz)
RF IN
RF OUT
Permanent damage may occur if any of these limits are exceeded.
Outline Dimensions (
)
inch
mm
A
B
C
D
E
G
H
J
K
M
N
wt.
.870 .800
.25 .100 .097 .060 .040 .105 .910 .060 .060 grams
22.10 20.32 6.35 2.54 2.46 1.52 1.02 2.67 23.11 1.52 1.52 2.85
Demo Board MCL P/N: TB-500+
Suggested PCB Layout (PL-294)
Outline Drawing
METALLIZATION
SOLDER RESIST
INDEX
PCB Land Pattern
13
14
12 11 10 9 8
2
1
3 4 5 6 7
2
1
3 4 5 6 7
13
14
12 11 10 9 8
C
G TYP
H TYP
J TYP
A
E
B
D TYP
D TYP
N TYP
K
M TYP
Suggested Layout
Tolerance to be within ±.002
Ø
.013 PTH TYP.
FOR GROUND
.048±.002
LINE WIDTH
2 PL.
(SEE BELOW) .030 TYP.
.150 TYP.
.172 TYP.
PIN 1
IN
OUT
PACKAGE
OUTLINE
.030 TYP.
1. TRACE WIDTH IS SHOWN FOR ROGERS RO4350B,
DIELECTRIC THICKNESS: .030"± .002"; COPPER: 1/2 OZ EACH SIDE.
FOR OTHER MATERIALS TRACE WIDTH MAY NEED TO BE MODIFIED.
2. BOTTOM SIDE OF THE PCB IS CONTINUOUS GROUND PLANE.
NOTES:
DENOTES PCB COPPER LAYOUT WITH SMOBC
(SOLDER MASK OVER BARE COPPER)
DENOTES COPPER LAND PATTERN FREE OF SOLDER MASK
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - BPF-C138

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BPF-C141 MINI-BPF-C141 Datasheet
347Kb / 1P
   Bandpass Filter
BPF-C141++ MINI-BPF-C141+ Datasheet
347Kb / 1P
   Bandpass Filter
More results

Similar Description - BPF-C138

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com