Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPF-C4R5+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # BPF-C4R5+
Description  Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BPF-C4R5+ Datasheet(HTML) 2 Page - Mini-Circuits

  BPF-C4R5+ Datasheet HTML 1Page - Mini-Circuits BPF-C4R5+ Datasheet HTML 2Page - Mini-Circuits BPF-C4R5+ Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Surface Mount
BPF-C4R5+
Electrical Specifications at 25°C
CASE STYLE: HU1186
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Center Frequency
-
4.5
-
MHz
Insertion Loss
F1-F2
2-7
-
0.5
1.5
dB
VSWR
F1-F2
2-7
-
1.1
1.5
:1
Stop Band, Lower
Insertion Loss
DC-F3
DC-0.6
20
35.9
-
dB
VSWR
DC-F3
DC-0.6
-
20
-
:1
Stop Band, Upper
Insertion Loss
F4-F5
17-2100
20
28.9
-
dB
VSWR
F4-F5
17-2100
-
20
-
:1
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
1 W max.
Permanent damage may occur if any of these limits are exceeded.
REV.OR
M156097
BPF-C4R5+.
EDU2026
URJ
161122
Page 2 of 3
Typical Frequency Response
Functional Schematic
DC
F3 F1
F2
FREQUENCY (MHz)
F4
F5
RF IN
RF OUT
50Ω
2 to 7 MHz
Bandpass Filter
Applications
• Aviation
• Communication systems
Features
• Low insertion loss
• Good VSWR
• Miniature shielded package
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
0
20
40
BPF-C4R5+
INSERTION LOSS (Full band)
60
80
100
120
0.1
1.0
10.0
100.0
1,000.0
10,000.0
FREQUENCY (MHz)
0.20
0.35
0.50
2.00
4.50
7.00
FREQUENCY (MHz)
100
1000
BPF-C4R5+
VSWR
1.00
1.06
1.12
2.00
4.50
7.00
1
10
0.1
1
10
100
1000
10000
FREQUENCY (MHz)
2.00
4.50
7.00
0
4
8
BPF-C4R5+
INSERTION LOSS (Passband)
8
12
16
20
0
3
6
9
12
15
FREQUENCY (MHz)
FREQUENCY (MHz)
197
225
253
BPF-C4R5+
GROUP DELAY
85
113
141
169
23
45
67
FREQUENCY (MHz)
0.10
88.93
898.07
2.0
250.52
0.60
35.20
293.81
2.2
212.56
0.66
30.30
215.92
2.6
165.56
0.79
20.51
92.29
2.8
150.39
1.08
3.05
4.05
3.0
132.37
1.10
2.43
3.31
3.2
127.88
2.00
0.25
1.06
3.4
123.03
4.50
0.29
1.09
3.6
117.89
7.00
0.49
1.04
3.8
112.44
9.00
1.00
1.34
4.0
107.33
9.90
2.17
2.34
4.2
103.11
10.30
3.21
3.22
4.4
99.60
14.20
20.03
20.48
4.8
94.30
17.00
29.73
25.63
5.0
92.33
17.10
30.03
25.75
5.4
89.40
500.00
99.85
43.88
5.8
87.64
950.00
78.75
35.82
6.2
86.75
1500.00
44.47
12.10
6.6
86.61
1960.00
38.39
2.77
6.8
86.83
2100.00
40.73
2.18
7.0
87.26
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - BPF-C4R5+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BPF-C45 MINI-BPF-C45 Datasheet
466Kb / 1P
Bandpass Filter
BPF-C45++ MINI-BPF-C45+ Datasheet
466Kb / 1P
Bandpass Filter
BPF-C450 MINI-BPF-C450 Datasheet
433Kb / 1P
Bandpass Filter
BPF-C450++ MINI-BPF-C450+ Datasheet
433Kb / 1P
Bandpass Filter
BPF-C495 MINI-BPF-C495 Datasheet
374Kb / 3P
Bandpass Filter
More results

Similar Description - BPF-C4R5+

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com