Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPF-C45 Datasheet(PDF) 1 Page - Mini-Circuits

Part # BPF-C45
Description  Bandpass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BPF-C45 Datasheet(HTML) 1 Page - Mini-Circuits

  BPF-C45 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Frequency
Insertion Loss
Return Loss
Frequency
Group Delay
(MHz)
(dB)
(dB)
(MHz)
(nSec)
x
σ
0.5
78.80
1.42
0.01
30.0
76.63
5.0
61.88
0.25
0.01
30.5
68.58
23.0
29.29
1.18
0.30
31.0
62.06
26.0
10.40
1.15
1.10
35.0
38.15
27.0
5.46
1.00
2.59
37.5
31.64
29.0
1.02
0.21
13.59
40.0
27.53
30.0
0.67
0.05
26.03
42.5
24.63
40.0
0.36
0.03
18.08
45.0
22.83
50Ω
30 to 70 MHz
Operating Temperature
-40oC to 85oC
Storage Temperature
-55oC to 100oC
RF Power Input
0.5W Max.
BPF-C45+
• High Rejection
• Good VSWR, 1.2:1 Typ @ Passband
• Shielded case
• Aqueous washable
• Military communications
• Receivers / Transmitters
• Harmonic rejection
(Loss < 1.5dB)
Loss > 20dB
Loss > 40dB
45
30 - 70
23
95
21
120 - 2500
1.2
1.5
18
RF IN
RF OUT
F6
F4
F2
F1
F3
F5
40
20
1.5
FREQUENCY (MHz)
45.0
0.36
0.03
17.85
47.5
21.42
60.0
0.44
0.03
58.55
50.0
20.68
70.0
0.60
0.02
27.63
52.5
19.99
80.0
1.18
0.13
20.42
55.0
19.62
87.5
6.28
4.17
10.47
57.5
19.36
90.0
15.44
6.96
4.33
60.0
19.46
95.0
47.02
8.60
1.62
62.5
19.74
120.0
51.78
3.04
0.74
65.0
20.27
500.0
69.64
3.27
0.82
67.5
21.00
2500.0
49.02
1.51
4.97
70.0
22.16
0
15
30
45
60
75
90
1
10
100
1000
10000
FREQUENCY (MHz)
BPF-C45+
INSERTION LOSS
0.2
0.4
0.6
0.8
30
40
50
60
70
10
20
30
40
50
60
70
80
30
40
50
60
70
FREQUENCY (MHz)
BPF-C45+
GROUP DELAY
0
10
20
30
40
50
60
1
10
100
1000
10000
FREQUENCY (MHz)
BPF-C45+
RETURN LOSS
10
20
30
40
50
60
30
40
50
60
70
REV. A
M151121
EDR-9409U
BPF-C45+
URJ/RAV
170210
Page 1 of 1
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Maximum Ratings
Pin Connections
Surface Mount
Bandpass Filter
Features
Applications
Bandpass Filter Electrical Specifications (T
AMB= 25
O
C)
Typical Frequency Response
Functional Schematic
Outline Dimensions (
)
inch
mm
Typical Performance Data at 25oC
CASE STYLE: HU1186
A
B
C
D
E
G
H
J
K
M
N
wt.
.870 .800
.25 .100 .097 .060 .040 .105 .910 .060 .060 grams
22.10 20.32 6.35 2.54 2.46 1.52 1.02 2.67 23.11 1.52 1.52 2.85
INPUT
2
OUTPUT
9
NOT CONNECTED
6,13
GROUND
1,3,4,5,7,8,10,11,12,14
Demo Board MCL P/N: TB-500+
Suggested PCB Layout (PL-294)
Ø
.013 PTH TYP.
FOR GROUND
.048±.002
LINE WIDTH
2 PL.
(SEE BELOW)
.030 TYP.
.150 TYP.
.172 TYP.
PIN 1
IN
OUT
PACKAGE
OUTLINE
.030 TYP.
1. TRACE WIDTH IS SHOWN FOR ROGERS RO4350B,
DIELECTRIC THICKNESS: .030"± .002"; COPPER: 1/2 OZ EACH SIDE.
FOR OTHER MATERIALS TRACE WIDTH MAY NEED TO BE MODIFIED.
2. BOTTOM SIDE OF THE PCB IS CONTINUOUS GROUND PLANE.
NOTES:
DENOTES PCB COPPER LAYOUT WITH SMOBC
(SOLDER MASK OVER BARE COPPER)
DENOTES COPPER LAND PATTERN FREE OF SOLDER MASK
CENTER
PASSBAND
STOPBANDS (MHz)
VSWR (:1)
FREQ.
(MHz)
(MHz)
Passband
Stopband
Fc
F1 - F2
F3
F4
F5
F6
Typ.
Max.
Typ.
Permanent damage may occur if any of these limits are exceeded.
Outline Drawing
METALLIZATION
SOLDER RESIST
INDEX
PCB Land Pattern
13
14
12 11 10 9 8
2
1
3 4 5 6 7
2
1
3 4 5 6 7
13
14
12 11 10 9 8
C
G TYP
H TYP
J TYP
A
E
B
D TYP
D TYP
N TYP
K
M TYP
Suggested Layout
Tolerance to be within ±.002


Similar Part No. - BPF-C45

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BPF-C450 MINI-BPF-C450 Datasheet
433Kb / 1P
   Bandpass Filter
BPF-C450++ MINI-BPF-C450+ Datasheet
433Kb / 1P
   Bandpass Filter
More results

Similar Description - BPF-C45

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com