Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPF-B503+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # BPF-B503+
Description  Bandpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BPF-B503+ Datasheet(HTML) 1 Page - Mini-Circuits

  BPF-B503+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
REV. A
M151121
EDR-9175AUF1
BPF-B503+
URJ/RAV
161107
Page 1 of 1
50Ω
495 to 510 MHz
Maximum Ratings
Surface Mount
BPF-B503+
Bandpass Filter
Typical Performance Data at 25oC
CASE STYLE: HZ1198
Features
• Linear Phase, up to ± 2 deg Typ @ Fc ± 15 MHz
• High Rejection
• Shielded case
• Aqueous washable
Applications
• Test Setup
• Harmonic Rejection
• Transmitters / Receivers
Bandpass Filter Electrical Specifications (T
AMB= 25
O
C)
Typical Frequency Response
Functional Schematic
CENTER
PASSBAND
STOPBANDS (MHz)
MAXIMUM DEVIATION
VSWR (:1)
FREQ.
(MHz)
FROM LINEAR PHASE
(MHz)
(Loss < 5dB)
Loss > 20dB
Loss > 40dB
(deg.)
Passband
Stopband
Fc
F1 - F2
F3
F4
F5
F6
Fc ± 15 MHz
Typ. Max.
Typ.
503
495 - 510
440
565
400 610 - 2600
± 5
1.5
2.0
30
F6
F4
F2
F1
F3
F5
40
20
5
FREQUENCY (MHz)
RF IN
RF OUT
INSERTION PHASE &
DEVIATION FROM LINEAR PHASE
-100
-75
-50
-25
0
25
50
75
100
488
494
500
506
512
518
FREQUENCY (MHz)
-4
-3
-2
-1
0
1
2
3
4
INSERTION PHASE
LINEAR PHASE
PHASE DEVIATION
INSERTION LOSS
0
20
40
60
80
100
0
400
800
1200
1600
2000
2400
2800
FREQUENCY (MHz)
2.8
3.0
3.2
3.4
3.6
495 498 501 504 507 510
Frequency
Insertion Loss
Return Loss
Frequency
Deviation from
(MHz)
(dB)
(dB)
(MHz)
Linear Phase (deg.)
x
σ
0.5
83.02
0.71
0.11
488.0
-1.93
400.0
53.02
0.41
0.18
489.0
-1.58
440.0
31.89
0.57
0.47
490.0
-1.25
455.0
19.85
0.75
1.14
492.0
-0.66
465.0
10.30
0.61
6.26
494.0
-0.16
470.0
5.76
0.40
10.55
496.0
0.26
495.0
2.92
0.04
18.91
498.0
0.60
499.0
2.84
0.04
22.72
500.0
0.86
503.0
2.92
0.07
18.57
501.0
0.97
505.0
3.09
0.12
16.57
502.0
1.04
510.0
3.52
0.23
12.61
504.0
1.13
520.0
6.12
0.66
6.27
506.0
1.08
530.0
11.91
0.89
2.92
507.0
1.01
550.0
25.33
0.67
1.09
509.0
0.73
565.0
32.43
0.57
0.62
510.0
0.54
610.0
50.26
0.40
0.32
512.0
0.00
1600.0
75.43
0.49
0.23
514.0
-0.69
2600.0
52.44
0.19
0.36
518.0
-2.23
Operating Temperature
-40oC to 85oC
Storage Temperature
-55oC to 100oC
RF Power Input
0.5W Max.
INPUT
1
OUTPUT
2
GROUND
3, 4, 5, 6
Pin Connections
RETURN LOSS
0
5
10
15
20
25
0
400
800
1200
1600
2000
2400
2800
FREQUENCY (MHz)
12
16
20
24
495
498
501
504
507
510
Permanent damage may occur if any of these limits are exceeded.
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
G
H
J
K
L
M
.472" .826" .220" .551" .118" .047" .078" .076" .142" .543" .078" .236"
11.99 20.98
5.59 14.00
3.00
1.19
1.98
1.92
3.61 13.79
1.98
5.99
N
P
Q
S
T
U
V
W
X
Y
wt
.079" .138" .162" .098" .096" .217" .067" .157" .866" .512"
grams
2.01
3.51
4.11
2.49
2.44
5.51
1.70
3.99 22.00 13.00
6.0
Outline Drawing
Suggested Layout,
Tolerance to be within ±.002
PCB Land Pattern
Demo Board MCL P/N: TB-400+
Suggested PCB Layout (PL-247)
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - BPF-B503+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BPF-B59 MINI-BPF-B59 Datasheet
349Kb / 3P
Bandpass Filter
More results

Similar Description - BPF-B503+

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
Bandpass Filter
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
Bandpass Filter
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
BANDPASS FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com