Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75K62100 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 75K62100
Description  NETWORK SEARCH ENGINE 128K x 72 Entries
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

75K62100 Datasheet(HTML) 3 Page - Integrated Device Technology

  75K62100 Datasheet HTML 1Page - Integrated Device Technology 75K62100 Datasheet HTML 2Page - Integrated Device Technology 75K62100 Datasheet HTML 3Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
6.42
3
Network Search Engine 128K x 72 Entries
Datasheet Brief 75K62100
Signal Descriptions
Pin Function
I/O
Description
NSE Request Bus:
Request Strobe
Input
This input signifies a valid input request and signals the start of an NSE operation cycle.
Command
Bus
Instruction
Input
These two fields of the Command bus define the instruction to be performed by the NSE and the lookup
type. The lookup type is selected only for operational type commands (Lookups, Learns) and is a "don't
care" for maintenance typ e commands (all Reads and Writes).
Lookup Type
Input
Global Mask
Register Select
Input
This field is within the Command bus. During Lookup or Write operations, this fie ld defines which of the
Global Mask Register groups are b eing accessed. This field is a "don't care" for Read, SRAM No Wait
Read, and Learn Operations.
Comparand and
Result Register
Select
Input
This is a multiplexed field within the Command Bus that specifies both the Result Register to store the
Index into, and the Comparand Reg ister to use. This field is sampled every input clock cycle. The first
cycle decodes the selected Comparand Register and the second decodes the selected Result Register.
Request Data Bus
Input/Output
Three State
The Request Data Bus is a multiplexed address/data bus used to perform reads (and writes) from (to) the
NSE, and to present search data for lookups.
NSE Response Bus:
Index Bus
Address
Output
Three State
This bus is used to drive the address of an ex ternal SRAM, or feedback Lookup result information
directly to the NSE's ASIC/FPGA. The Index Bus contain the encoded location at which the compare was
found, the address of the NSE which found the result and the Lookup type.
Device ID
Lookup Type
Chip Enable/ Output Enable
Output
Three State
This signal is driven along with the Index Bus. It is connected to the
CE input pin of a ZBT SRAM or to the
OE pin of a PBSRAM.
Write Enable
Output
Three State
This signal is driven along with the Index bus. It is used to assert the
WE pin of an external SRAM. It is
active for both SRAM write operations and the Learn command.
Read Acknowledge
Output
This signal is sent back when the data is read from the NSE on the Request Data Bus, or when the data
being read from the associated external SRAM.
Match Acknowledge
Output
This is signal is sent with the Index. It will be driven low if there was no match, high if a match was found.
Valid
Lookup Bit
Output
This signal is sent with the Index. It will be driven high upon the completion of a lookup, even if the
lookup did not result in a hit.
Multi Match
Output
Output
(Open Drain)
This signal is sent with the Index. It shall go active when a) multiple hits occur in one segment; or, b) one
or mo re hits occur in two (or more) segments; or, c) one or more hits occur in multiple devices that are
depth cascaded.
Depth Expansion:
Device Address
Input
These three DC pins are used to define the Device Address for each of the eight possible depth
expanded NSE devic es in an NSE system.
Match
Input
Input
The Match Input signal is driven by all upstream Match Output signals. This indicates to all down stream
NSEs that a hit in a higher priority NSE has occurred.
Match
Output
Output
The Match Output signal signifies that a match has occurred in the NSE. The signal is fed into a Match
Input line of all lower priority NSE(s).
Clock and Initialization:
Clock Input
Input
All inputs and outputs are referenced to the positive edge of this clock.
Clock Phase Enable
Input
This signal is used to generate an internal clock at ½ the freque ncy of the input clock.
Reset
Input
This pin will force all outputs to a high impedence condition, as well as clearing the NSE enable bit.
Advance Burst Address
Input
This signal will advance an internal address counter to allow for burst writes when writing to the Data/Mask
memory in the NSE. This provides a mechanism to conveniently initialize the NSE memory.
Last NSE
Input
This pin defines which NSE device will drive the ASIC Feedback signals to the ASIC/FPGA.
Last SRAM
Input
This pin defines which NSE device will drive the SRAM control signals
CE/OE and WE. It also defaults
this device to driving the Index Bus when there is no ongoing operation preventing the bus from floating.
5334 tbl 01


Similar Part No. - 75K62100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
More results

Similar Description - 75K62100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P42100_0509 IDT-75P42100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
logo
STMicroelectronics
M7040N STMICROELECTRONICS-M7040N Datasheet
1Mb / 159P
   64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com