Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75K62100 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 75K62100
Description  NETWORK SEARCH ENGINE 128K x 72 Entries
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

75K62100 Datasheet(HTML) 2 Page - Integrated Device Technology

  75K62100 Datasheet HTML 1Page - Integrated Device Technology 75K62100 Datasheet HTML 2Page - Integrated Device Technology 75K62100 Datasheet HTML 3Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Network Search Engine 128K x 72 Entries
Datasheet Brief 75K62100
SRAM Interface
The NSE provides all required address and control signals for a
glueless SRAM interface. The NSE provides a pipelined bypass path for
reads or writes to the external SRAM. The ASIC/FPGA handles the
pipelining of the data to and from the SRAM.
Registers
There are four basic types of registers supported:
s
Configuration Registers are used at initialization to define the
segmentation of the entries, timing of outputs and the SRAM interface,
s
Global Mask Registers are provided to support Lookup
instructions by masking individual bits during a search.
s
Comparand Registers assist in the Learn Instruction.
s
Result Registers are used to store the resulting index of a
search from a Lookup or Learn operation.
Synchronous Burst Write
The burst write feature has no limit on the number of continuous write
accesses and supports initialization of the NSE.
Width Segmentation Capability
TheNSEsarecapableofperforminglookupsforcomparisonsondata
structures of 72 bits, 144 bits, 288 bits and 576 bits. These devices has
can be configured to meet various system requirements.
s
Single Width Array
s
Multiple Width Arrays within a Single Device
Multi Match
TheMulti-Matchfeaturesignalsto theuserthatmorethanonematch
has resulted. The result of the lookup, which defines the highest priority
match, is sent along with the Multi-Match signal.
Power Savings and Classification Features
See full IDT75K62100 Datasheet for more information.
Functional Highlights
Figure 1.1
Bus Interface
The NSE utilizes a dual bus interface consisting of the NSE Request
Bus and the NSE Response Bus.
The NSE Request Bus is comprised of the Command Bus and the
RequestDataBus. TheCommandBushandlestheinstructiontotheNSE
while the Request Data Bus is the main data path to the NSE.
The72bitbi-directionalRequestDataBusfunctionsasamultiplexed
address and data bus, which performs the writing and reading of NSE
entries, as well as presenting lookup data to the device.
The NSE Response Bus is comprised of an independent unidirec-
tional Index Bus which drives the result of the lookup (or index) to either
an SRAM device or an ASIC. In addition to driving the Index, the NSE
ResponseBusalsodrivestheassociatedSRAMcontrolsignals(
CE/OE,
and
WE)foreitherZBT™ orSynchronousPipelineBurst SRAMdevices.
Command Bus
TheCommandBusloadsthe specificinstructionsintotheNSE.These
include:
s
Read or Write
A Read or Write instruction operates on a specified data entry, mask
entry, or register.
Data and Mask Array
The NSE has Data cell entries and associ-
ated Mask cell entries as shown in Fig. 1.1. This
combination of Data and Mask cell entries en-
ables the NSE to store 0, 1 or X, making it a full
ternary Network Search Engine. During a
lookup operation, both arrays are used along
with a Global Mask Register to find a match to a
requested data word.
5334 drw 03
Data
Mask
s
SRAM No Wait Read
AnSRAMNoWaitReadisaReadinstructiontoanexternalSRAMthat
canbepipelinedwithinaseriesofoperationsanddoesnotrequiretheuser
to wait for the Read to complete before loading the next instruction.
s
Dual Write
In addition to individual writes, the NSE has the ability to perform
simultaneous writes to a Data entry and a respective external SRAM
location.
s
Lookup
A lookup can be requested in 72-bit, 144-bit, 288-bit or 576-bit widths.
A36-bitlookupcanbeaccomplishedbyusingtwoGlobalMaskRegisters.
s
Learn
The NSE implements a fully autonomous Learn Instruction, which
provides a mechanism for the user to write a lookup entry into an unused
locationintheNSEandtheassociateddatainexternalSRAM.Thisallows
the user to update an entry into the NSE which had not previously been
stored. The Learn writes the new entry, making it available for future
lookups.
Features
s
s
s
s
s
Full Ternary 128K x 72 bit content addressable memory
s
s
s
s
s
Compatible to 64K x 72 NSE
s
s
s
s
s
Power Management
s
s
s
s
s
Increased Global Mask Registers implementation
s
s
s
s
s
Segments individually configurable
s
s
s
s
s
36/72/144/288/576 multiple width lookups
s
s
s
s
s
100M sustained lookups per second at 72 and 144 width lookups
s
s
s
s
s
Burst write for high speed table updates
s
s
s
s
s
EnhancedMulti-matchfeatures
s
s
s
s
s
Learn new entries
s
s
s
s
s
Next Free Address Registers
s
s
s
s
s
Dual bus interface
s
s
s
s
s
Cascadable to 8 devices with no glue logic or latency penalty
s
s
s
s
s
Glueless interface to standard ZBT™ or
Synchronous Pipelined Burst SRAMs
s
s
s
s
s
Boundary Scan JTAG Interface (IEEE 1149.1compliant)
s
s
s
s
s
1.2V core power supply
s
s
s
s
s
2.5V I/O supply


Similar Part No. - 75K62100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
More results

Similar Description - 75K62100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P42100_0509 IDT-75P42100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
logo
STMicroelectronics
M7040N STMICROELECTRONICS-M7040N Datasheet
1Mb / 159P
   64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com