Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V05L20PFI Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT70V05L20PFI
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V05L20PFI Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT70V05L20PFI Datasheet HTML 9Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 10Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 11Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 12Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 13Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 14Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 15Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 16Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
6.42
IDT70V05S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
13
NOTES:
1. Port-to-port delay through SRAM cells from writing port to reading port, refer to “Timing Waveform of Read With
BUSY (M/S = VIH)” or “Timing Waveform of Write With Port-
To-Port Delay (M/
S = VIL)”.
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual) or tDDD – tDW (actual).
4. To ensure that the write cycle is inhibited during contention.
5. To ensure that a write cycle is completed after contention.
6. 'X' is part number indicates power rating (S or L).
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(6)
70V05X15
Com'l Ony
70V05X20
Com'l
& Ind
70V05X25
Com'l
& Ind
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
BUSY TIMING (M/S = VIH)
tBAA
BUSY Access Time from Address Match
____
15
____
20
____
20
ns
tBDA
BUSY Disable Time from Address Not Matched
____
15
____
20
____
20
ns
tBAC
BUSY Access Time from Chip Enable LOW
____
15
____
20
____
20
ns
tBDC
BUSY Disable Time from Chip Enable HIGH
____
15
____
17
____
17
ns
tAPS
Arbitration Priority Set-up Time(2)
5
____
5
____
5
____
ns
tBDD
BUSY Disable to Valid Data(3)
____
18
____
30
____
30
ns
tWH
Write Hold After
BUSY(5)
12
____
15
____
17
____
ns
BUSY TIMING (M/S = VIL)
tWB
BUSY Input to Write(4)
0
____
0
____
0
____
ns
tWH
Write Hold After
BUSY(5)
12
____
15
____
17
____
ns
PORT-TO-PORT DELAY TIMING
tWDD
Write Pulse to Data Delay(1)
____
30
____
45
____
50
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
25
____
35
____
35
ns
2941 tbl 13a
70V05X35
Com'l
& Ind
70V05X55
Com'l
& Ind
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
BUSY TIMING (M/S = VIH)
tBAA
BUSY Access Time from Address Match
____
20
____
45
ns
tBDA
BUSY Disable Time from Address Not Matched
____
20
____
40
ns
tBAC
BUSY Access Time from Chip Enable LOW
____
20
____
40
ns
tBDC
BUSY Disable Time from Chip Enable HIGH
____
20
____
35
ns
tAPS
Arbitration Priority Set-up Time(2)
5
____
5
____
ns
tBDD
BUSY Disable to Valid Data(3)
____
35
____
40
ns
tWH
Write Hold After
BUSY(5)
25
____
25
____
ns
BUSY TIMING (M/S = VIL)
tWB
BUSY Input to Write(4)
0
____
0
____
ns
tWH
Write Hold After
BUSY(5)
25
____
25
____
ns
PORT-TO-PORT DELAY TIMING
tWDD
Write Pulse to Data Delay(1)
____
60
____
80
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
45
____
65
ns
2941 tbl 13b


Similar Part No. - IDT70V05L20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05L25G IDT-IDT70V05L25G Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L25J IDT-IDT70V05L25J Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L25PF IDT-IDT70V05L25PF Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V05L20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com