Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V05L20PFI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT70V05L20PFI
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V05L20PFI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT70V05L20PFI Datasheet HTML 1Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 2Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 3Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 4Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 5Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 6Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 7Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 8Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
©2000 Integrated Device Technology, Inc.
MARCH 2000
DSC 2941/6
1
IDT70V05S/L
HIGH-SPEED 3.3V
8K x 8 DUAL-PORT
STATIC RAM
Features
x
x
x
x
x
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
x
x
x
x
x
High-speed access
Commercial: 15/20/25/35/55ns (max.)
Industrial: 20/25/35/55ns (max.)
x
x
x
x
x
Low-power operation
IDT70V05S
Active: 400mW (typ.)
Standby: 3.3mW (typ.)
IDT70V05L
Active: 380mW (typ.)
Standby: 660
µW (typ.)
x
x
x
x
x
IDT70V05 easily expands data bus width to 16 bits or more
using the Master/Slave select when cascading more than
one device
x
x
x
x
x
M/
S = VIH for BUSY output flag on Master
M/
S = VIL for BUSY input on Slave
x
x
x
x
x
Interrupt Flag
x
x
x
x
x
On-chip port arbitration logic
x
x
x
x
x
Full on-chip hardware support of semaphore signaling
between ports
x
x
x
x
x
Fully asynchronous operation from either port
x
x
x
x
x
TTL-compatible, single 3.3V (±0.3V) power supply
x
x
x
x
x
Available in 68-pin PGA and PLCC, and a 64-pin TQFP
x
x
x
x
x
Industrial temperature range (-40°C to +85°C) is available
for selected speeds
Functional Block Diagram
NOTES:
1. (MASTER):
BUSY is output; (SLAVE): BUSY is input.
2.
BUSY outputs and INT outputs are non-tri-stated push-pull.
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/
WL
CEL
OEL
BUSYL
A12L
A0L
2941 drw 01
I/O0L-I/O7L
CEL
OEL
R/
WL
SEML
INTL
M/
S
BUSYR
I/O0R-I/O7R
A12R
A0R
SEMR
INTR
CER
OER
(2)
(1,2)
(1,2)
(2)
R/
WR
CER
OER
13
13
R/WR


Similar Part No. - IDT70V05L20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05L25G IDT-IDT70V05L25G Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L25J IDT-IDT70V05L25J Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L25PF IDT-IDT70V05L25PF Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V05L20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com