Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V05L20PFI Datasheet(PDF) 20 Page - Integrated Device Technology

Part # IDT70V05L20PFI
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V05L20PFI Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button IDT70V05L20PFI Datasheet HTML 14Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 15Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 16Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 17Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 18Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 19Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 20Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 21Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 22Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
6.42
IDT70V05S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
20
completely independent of each other. This means that the activity on the
left port in no way slows the access time of the right port. Both ports are
identical in function to standard CMOS Static RAM and can be read from,
or accessed, at the same time with the only possible conflict arising from
the simultaneous writing of, or a simultaneous READ/WRITE of, a non-
semaphorelocation. Semaphoresareprotectedagainstsuchambiguous
situations and may be used by the system program to avoid any conflicts
in the non-semaphore portion of the Dual-Port SRAM. These devices
have an automatic power-down feature controlled by
CE, the Dual-Port
SRAM enable, and
SEM,thesemaphoreenable.TheCE and SEMpins
controlon-chippowerdowncircuitrythatpermitstherespectiveporttogo
intostandbymodewhennotselected. Thisistheconditionwhichisshown
in Truth Table II where
CE and SEM are both HIGH.
SystemswhichcanbestusetheIDT70V05containmultipleprocessors
or controllers and are typically very high-speed systems which are
softwarecontrolledorsoftwareintensive.Thesesystemscanbenefitfrom
a performance increase offered by the IDT70V05's hardware sema-
phores, which provide a lockout mechanism without requiring complex
programming.
Software handshaking between processors offers the maximum in
system flexibility by permitting shared resources to be allocated in
varying configurations. The IDT70V05 does not use its semaphore
flags to control any resources through hardware, thus allowing the
system designer total flexibility in system architecture.
An advantage of using semaphores rather than the more common
methods of hardware arbitration is that wait states are never incurred
in either processor. This can prove to be a major advantage in very
high-speed systems.
How the Semaphore Flags Work
The semaphore logic is a set of eight latches which are indepen-
dent of the Dual-Port SRAM. These latches can be used to pass a flag,
or token, from one port to the other to indicate that a shared resource
is in use. The semaphores provide a hardware assist for a use
assignment method called “Token Passing Allocation.” In this method,
the state of a semaphore latch is used as a token indicating that shared
resource is in use. If the left processor wants to use this resource, it
requests the token by setting the latch. This processor then verifies its
success in setting the latch by reading it. If it was successful, it
proceeds to assume control over the shared resource. If it was not
successful in setting the latch, it determines that the right side
processor has set the latch first, has the token and is using the shared
resource. The left processor can then either repeatedly request that
semaphore’s status or remove its request for that semaphore to
perform another task and occasionally attempt again to gain control of
the token via the set and test sequence. Once the right side has
relinquished the token, the left side should succeed in gaining control.
The semaphore flags are active low. A token is requested by writing
a zero into a semaphore latch and is released when the same side
writes a one to that latch.
The eight semaphore flags reside within the IDT70V05 in a
separate memory space from the Dual-Port SRAM. This address
space is accessed by placing a LOW input on the
SEM pin (which acts
as a chip select for the semaphore flags) and using the other control
pins (Address,
OE, and R/W) as they would be used in accessing a
standard Static RAM. Each of the flags has a unique address which can
beaccessedbyeithersidethroughaddresspinsA0 –A2.Whenaccessing
the semaphores, none of the other address pins has any effect.
When writing to a semaphore, only data pin D0 is used. If aLOW level
is written into an unused semaphore location, that flag will be set to a zero
on that side and a one on the other side (see Truth Table V). That
semaphorecannowonlybemodifiedbythesideshowingthezero.When
a one is written into the same location from the same side, the flag will be
settoaoneforbothsides(unlessasemaphorerequestfromtheotherside
is pending) and then can be written to by both sides. The fact that the side
whichisabletowriteazerointoasemaphoresubsequentlylocksoutwrites
fromtheothersideiswhatmakessemaphoreflagsusefulininterprocessor
communications.(Athoroughdiscussionontheuseofthisfeaturefollows
shortly.) A zero written into the same location from the other side will be
stored in the semaphore request latch for that side until the semaphore is
freed by the first side.
When a semaphore flag is read, its value is spread into all data bits so
that a flag that is a one reads as a one in all data bits and a flag containing
a zero reads as all zeros. The read value is latched into one side’s output
registerwhenthatside'ssemaphoreselect(
SEM)andoutputenable(OE)
signals go active. This serves to disallow the semaphore from changing
state in the middle of a read cycle due to a write cycle from the other side.
Because of this latch, a repeated read of a semaphore in a test loop must
cause either signal (
SEM or OE) to go inactive or the output will never
change.
A sequence WRITE/READ must be used by the semaphore in
order to guarantee that no system level contention will occur. A
processor requests access to shared resources by attempting to write
a zero into a semaphore location. If the semaphore is already in use,
the semaphore request latch will contain a zero, yet the semaphore
flag will appear as one, a fact which the processor will verify by the
subsequent read (see Truth Table V). As an example, assume a
processor writes a zero to the left port at a free semaphore location. On
a subsequent read, the processor will verify that it has written success-
fully to that location and will assume control over the resource in
question. Meanwhile, if a processor on the right side attempts to write
a zero to the same semaphore flag it will fail, as will be verified by the
fact that a one will be read from that semaphore on the right side during
subsequent read. Had a sequence of READ/WRITE been used
instead, system contention problems could have occurred during the
gap between the read and write cycles.
It is important to note that a failed semaphore request must be
followed by either repeated reads or by writing a one into the same
location. The reason for this is easily understood by looking at the
simple logic diagram of the semaphore flag in Figure 4. Two sema-
phore request latches feed into a semaphore flag. Whichever latch is
first to present a zero to the semaphore flag will force its side of the
semaphore flag LOW and the other side HIGH. This condition will
continue until a one is written to the same semaphore request latch.
Should the other side’s semaphore request latch have been written to
a zero in the meantime, the semaphore flag will flip over to the other
side as soon as a one is written into the first side’s request latch. The
second side’s flag will now stay LOW until its semaphore request latch
is written to a one. From this it is easy to understand that, if a
semaphore is requested and the processor which requested it no longer
needs the resource, the entire system can hang up until a one is written
into that semaphore request latch.


Similar Part No. - IDT70V05L20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05L25G IDT-IDT70V05L25G Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L25J IDT-IDT70V05L25J Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L25PF IDT-IDT70V05L25PF Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V05L20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com