Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V05L20PFI Datasheet(PDF) 19 Page - Integrated Device Technology

Part # IDT70V05L20PFI
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V05L20PFI Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button IDT70V05L20PFI Datasheet HTML 14Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 15Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 16Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 17Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 18Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 19Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 20Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 21Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 22Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
6.42
IDT70V05S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
19
Functional Description
The IDT70V05 provides two ports with separate control, address
and I/O pins that permit independent access for reads or writes to any
location in memory. The IDT70V05 has an automatic power down
feature controlled by
CE. The CE controls on-chip power down circuitry
that permits the respective port to go into a standby mode when not
selected (
CE HIGH). When a port is enabled, access to the entire
memory array is permitted.
Interrupts
If the user chooses the interrupt function, a memory location (mail
box or message center) is assigned to each port. The left port interrupt
flag (
INTL) is set when the right port writes to memory location 1FFE
(HEX). The left port clears the interrupt by reading address location
1FFE. Likewise, the right port interrupt flag (
INTR) is set when the left
port writes to memory location 1FFF (HEX) and to clear the interrupt
flag (INTR), the right port must read the memory location 1FFF. The
message (8 bits) at 1FFE or 1FFF is user-defined. If the interrupt
function is not used, address locations 1FFE and 1FFF are not used
as mail boxes, but as part of the random access memory. Refer to
Truth Table III for the interrupt operation.
Busy Logic
Busy Logic provides a hardware indication that both ports of the
SRAM have accessed the same location at the same time. It also
allows one of the two accesses to proceed and signals the other side
that the SRAM is “busy”. The
BUSY pin can then be used to stall the
access until the operation on the other side is completed. If a write
operation has been attempted from the side that receives a
BUSY
indication, the write signal is gated internally to prevent the write from
proceeding.
The use of
BUSY logic is not required or desirable for all applica-
tions. In some cases it may be useful to logically OR the
BUSY outputs
together and use any
BUSYindication as an interrupt source to flag the
event of an illegal or illogical operation. If the write inhibit function of
BUSY logic is not desirable, the BUSY logic can be disabled by placing
the part in slave mode with the M/
S pin. Once in slave mode the BUSY
pin operates solely as a write inhibit input pin. Normal operation can be
programmed by tying the
BUSY pins HIGH. If desired, unintended
write operations can be prevented to a port by tying the
BUSY pin for
thatport LOW.
The
BUSY outputs on the IDT 70V05 SRAM in master mode, are
push-pull type outputs and do not require pull up resistors to
operate. If these SRAMs are being expanded in depth, then the
BUSY indication for the resulting array requires the use of an external
AND gate.
Width Expansion with Busy Logic
Master/Slave Arrays
When expanding an IDT70V05 SRAM array in width while using
BUSY logic, one master part is used to decide which side of the RAM
array will receive a
BUSY indication, and to output that indication. Any
number of slaves to be addressed in the same address range as the
master, use the
BUSY signal as a write inhibit signal. Thus on the
IDT70V05 SRAM the
BUSY pin is an output if the part is used as a
master (M/
S pin = VIH), and the BUSY pin is an input if the part used
as a slave (M/
S pin = VIL) as shown in Figure 3.
If two or more master parts were used when expanding in width, a
split decision could result with one master indicating
BUSY on one side
of the array and another master indicating
BUSY on one other side of
the array. This would inhibit the write operations from one port for part
of a word and inhibit the write operations from the other port for the
other part of the word.
The
BUSY arbitration, on a master, is based on the chip enable and
address signals only. It ignores whether an access is a read or write.
In a master/slave array, both address and chip enable must be valid
long enough for a
BUSY flag to be output from the master before the
actual write pulse can be initiated with the R/
W signal. Failure to
observe this timing can result in a glitched internal write inhibit signal
and corrupted data in the slave.
Semaphores
The IDT70V05 is a fast Dual-Port 8K x 8 CMOS Static RAM with
an additional 8 address locations dedicated to binary semaphore flags.
These flags allow either processor on the left or right side of the Dual-
Port SRAM to claim a privilege over the other processor for functions
defined by the system designer’s software. As an example, the
semaphore can be used by one processor to inhibit the other from
accessing a portion of the Dual-Port SRAM or any other shared
resource.
The Dual-Port SRAM features a fast access time, and both ports are
Figure 3. Busy and chip enable routing for both width and depth expansion with IDT70V05 SRAMs.
2941 drw 18
MASTER
Dual Port
SRAM
BUSY (L) BUSY (R)
CE
MASTER
Dual Port
SRAM
BUSY (L) BUSY (R)
CE
SLAVE
Dual Port
SRAM
BUSY (L) BUSY (R)
CE
SLAVE
Dual Port
SRAM
BUSY (L) BUSY (R)
CE
BUSY (L)
BUSY (R)


Similar Part No. - IDT70V05L20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05L25G IDT-IDT70V05L25G Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L25J IDT-IDT70V05L25J Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L25PF IDT-IDT70V05L25PF Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V05L20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com