Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V05L20PFI Datasheet(PDF) 18 Page - Integrated Device Technology

Part # IDT70V05L20PFI
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V05L20PFI Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button IDT70V05L20PFI Datasheet HTML 14Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 15Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 16Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 17Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 18Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 19Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 20Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 21Page - Integrated Device Technology IDT70V05L20PFI Datasheet HTML 22Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
6.42
IDT70V05S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
18
Truth Table IV — Address BUSY
Arbitration
NOTES:
1.
Pins
BUSYL and BUSYR are both outputs when the part is configured as a master. Both are inputs when configured as a slave. BUSYX outputs on the IDT70V05 are push
pull, not open drain outputs. On slaves the
BUSYX input internally inhibits writes.
2.
VIL if the inputs to the opposite port were stable prior to the address and enable inputs of this port. VIH if the inputs to the opposite port became stable after the address and
enable inputs of this port. If tAPS is not met, either
BUSYL or BUSYR = LOW will result. BUSYL and BUSYR outputs cannot be low simultaneously.
3.
Writes to the left port are internally ignored when
BUSYL outputs are driving low regardless of actual logic level on the pin. Writes to the right port are internally ignored when
BUSYR outputs are driving low regardless of actual logic level on the pin.
Truth Table V — Example of Semaphore Procurement Sequence(1,2,3)
NOTES:
1.
This table denotes a sequence of events for only one of the eight semaphores on the IDT70V05.
2.
There are eight semaphore flags written to via I/O0 and read from all I/O's (I/O0-I/O7). These eight semaphores are addressed by A0-A2.
3.
CE = VIH, SEM = VIL to access the semaphores. Refer to the Semaphore Read/Write Control Truth Table.
Truth Table III — Interrupt Flag(1)
NOTES:
1.
Assumes
BUSYL = BUSYR = VIH.
2.
If
BUSYL = VIL, then no change.
3.
If
BUSYR = VIL, then no change.
Left Port
Right Port
Function
R/
WL
CEL
OEL
A12L-A0L
INTL
R/
WR
CER
OER
A12R-A0R
INTR
LL
X
1FFF
X
X
X
X
X
L(2)
Set Right
INTR Flag
X
X
XXX
X
L
L
1FFF
H
(3)
Reset Right
INTR Flag
XX
X
X
L
(3)
L
L
X
1FFE
X
Set Left
INTL Flag
XL
L
1FFE
H(2)
X
X
X
X
X
Reset Left
INTL Flag
2941tbl 15
Inputs
Outputs
Function
CEL
CER
A12L-A0L
A12R-A0R
BUSYL(1)
BUSYR(1)
X
X
NO MATCH
HHNormal
H
X
MATCH
HHNormal
X
H
MATCH
HHNormal
L
L
MATCH
(2)
(2)
Write Inhibit(3)
2941 tbl 16
Functions
D0 - D7 Left
D0 - D7 Right
Status
No Action
1
1
Semaphore free
Left Port Writes "0" to Semaphore
0
1
Left port has semaphore token
Right Port Writes "0" to Semaphore
0
1
No change. Right side has no write access to semaphore
Left Port Writes "1" to Semaphore
1
0
Right port obtains semaphore token
Left Port Writes "0" to Semaphore
1
0
No change. Left port has no write access to semaphore
Right Port Writes "1" to Semaphore
0
1
Left port obtains semaphore token
Left Port Writes "1" to Semaphore
1
1
Semaphore free
Right Port Writes "0" to Semaphore
1
0
Right port has semaphore token
Right Port Writes "1" to Semaphore
1
1
Semaphore free
Left Port Writes "0" to Semaphore
0
1
Left port has semaphore token
Left Port Writes "1" to Semaphore
1
1
Semaphore free
2941 tbl 17


Similar Part No. - IDT70V05L20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05L25G IDT-IDT70V05L25G Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L25J IDT-IDT70V05L25J Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L25PF IDT-IDT70V05L25PF Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V05L20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com