Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPF-B190 Datasheet(PDF) 1 Page - Mini-Circuits

Part # BPF-B190
Description  Bandpass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BPF-B190 Datasheet(HTML) 1 Page - Mini-Circuits

  BPF-B190 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV. A
M151121
EDR-8617UF1
BPF-B190+
URJ/RAV
161105
Page 1 of 1
50Ω 185 to 195 MHz
Maximum Ratings
Operating Temperature
-40oC to 85oC
Storage Temperature
-55oC to 100oC
RF Power Input
0.5W Max.
INPUT
1
OUTPUT
2
GROUND
3, 4, 5, 6
Pin Connections
Surface Mount
BPF-B190+
Bandpass Filter
Applications
• Receivers / Transmitters
• Radio microphones
• Military communication
Bandpass Filter Electrical Specifications (T
AMB= 25
O
C)
Typical Performance Data at 25oC
Features
• Excellent rejection
• Flat Group Delay @ Passband
• Good VSWR, 1.15:1 typ. @ Passband
CASE STYLE: HZ1198
Typical Frequency Response
Functional Schematic
BPF-B190+
GROUP DELAY
40
45
50
55
60
65
70
183
185
187
189
191
193
195
197
FREQUENCY (MHz)
BPF-B190+
INSERTION LOSS
0
15
30
45
60
75
90
105
1
10
100
1000
10000
FREQUENCY (MHz)
BPF-B190+
RETURN LOSS
0
5
10
15
20
25
30
1
10
100
1000
10000
FREQUENCY (MHz)
Frequency
Insertion Loss
Return Loss
Frequency
Group Delay
(MHz)
(dB)
(dB)
(MHz)
(nsec)
x
σ
1.0
83.66
0.86
0.42
183.0
66.14
155.0
54.14
0.72
0.18
184.0
60.77
170.0
32.66
0.88
0.55
185.0
56.86
175.0
22.01
1.08
1.21
186.0
52.82
179.0
11.55
1.21
3.47
187.0
50.61
182.0
5.48
0.57
11.84
188.0
49.31
185.0
3.75
0.09
21.84
188.5
48.83
190.0
3.37
0.03
24.85
189.0
48.56
195.0
3.85
0.13
17.06
189.5
48.12
198.0
5.70
0.73
14.31
190.0
47.85
201.0
11.44
1.32
4.25
190.5
47.87
205.0
20.72
1.15
1.71
191.0
47.74
212.0
33.12
0.82
0.80
192.0
47.53
230.0
52.25
0.54
0.34
193.0
49.08
500.0
81.70
0.63
0.10
194.0
50.24
700.0
78.33
0.57
0.14
195.0
53.06
1000.0
72.87
0.33
0.18
196.0
56.55
2000.0
57.07
0.29
0.26
197.0
60.98
CENTER
FREQ.
(MHz)
PASSBAND
(MHz)
(Loss < 4.7dB)
F1 - F2
STOPBANDS (MHz)
VSWR (:1)
Loss > 20dB
F3
F4
Loss > 40dB
F5
F6
Passband
Max.
Stopband
Typ.
190
185 - 195
170
212
155
230 - 2000
1.5
30
F6
F4
F2
F1
F3
F5
40
20
4.7
FREQUENCY (MHz)
RF IN
RF OUT
Permanent damage may occur if any of these limits are exceeded.
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
G
H
J
K
L
M
.472" .826" .220" .551" .118" .047" .078" .076" .142" .543" .078" .236"
11.99 20.98
5.59 14.00
3.00
1.19
1.98
1.92
3.61 13.79
1.98
5.99
N
P
Q
S
T
U
V
W
X
Y
wt
.079" .138" .162" .098" .096" .217" .067" .157" .866" .512"
grams
2.01
3.51
4.11
2.49
2.44
5.51
1.70
3.99 22.00 13.00
6.0
Outline Drawing
Suggested Layout,
Tolerance to be within ±.002
PCB Land Pattern
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Demo Board MCL P/N: TB-400+
Suggested PCB Layout (PL-247)
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - BPF-B190

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BPF-B199 MINI-BPF-B199 Datasheet
342Kb / 3P
   Bandpass Filter
More results

Similar Description - BPF-B190

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com