Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9340A Datasheet(PDF) 21 Page - Keysight Technologies

Part # M9340A
Description  M9485A PXIe Multiport Vector Network Analyzer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9340A Datasheet(HTML) 21 Page - Keysight Technologies

Back Button M9340A Datasheet HTML 17Page - Keysight Technologies M9340A Datasheet HTML 18Page - Keysight Technologies M9340A Datasheet HTML 19Page - Keysight Technologies M9340A Datasheet HTML 20Page - Keysight Technologies M9340A Datasheet HTML 21Page - Keysight Technologies M9340A Datasheet HTML 22Page - Keysight Technologies M9340A Datasheet HTML 23Page - Keysight Technologies M9340A Datasheet HTML 24Page - Keysight Technologies M9340A Datasheet HTML 25Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21 | Keysight | M9485A PXIe Multiport Vector Network Analyzer 1 MHz/50 MHz to 9 GHz - Data Sheet
Cycle time for measurement completion (continued)
Number of points
Description
51
201
401
1601
Start 1 MHz, stop 9 GHz, 1 kHz IF bandwidth
Uncorrected, 2 port configuration
53
199
394
1554
2-port cal, 2 port configuration
104
398
788
3106
4-port cal, 4 port configuration
208
796
1576
6214
12-port cal, 12 port configuration
635
2400
4744
18684
Unit: ms
Cycle time vs. IF bandwidth
Condition: Frequency = 4 GHz, Span = 0 Hz, NOP = 201, 2 port configuration
IF BW (Hz)
Cycle
time (ms)
IF BW (Hz)
Cycle
time (ms)
IF BW (Hz)
Cycle
time (ms)
IF BW (Hz)
Cycle
time (ms)
IF BW (Hz)
Cycle
time (ms)
IF BW (Hz)
Cycle
time (ms)
10
19298
100
1932
1000
195
10000
22
100000
3.9
1000000
2.2
15
12867
150
1289
1500
131
15000
15
150000
3.2
1500000
2.1
20
9650
200
967
2000
99
20000
12
200000
2.9
2000000
2.1
30
6434
300
646
3000
67
30000
8.3
300000
2.6
3000000
2.1
40
4826
400
485
4000
51
40000
6.7
400000
2.5
4000000
2.0
50
3862
500
388
5000
41
50000
5.8
500000
2.4
5000000
2.0
70
2736
700
276
7000
30
70000
4.7
700000
2.3
7000000
2.0
Measurement throughput summary for Option 2xx
Measurement throughput data is supplemental performance data.
Common condition for the measurement throughput data:
– Analyzer display turned off with: DISPlay:ENABle OFF, DISPlay:VISible OFF
– Number of traces = 1 (S11 only)
– Leveling Mode: Open Loop
– Option 2xx (Combination of M9377A and M9378A/B)
– Chassis: M9018A, Controller: M9037A (Windows 7, 64 bit)
– Firmware version: A.11.6x
Cycle time for measurement completion
Number of points
Description
51
201
401
1601
Start 1.2 GHz, stop 1.4 GHz, 1 MHz IF bandwidth
Uncorrected, 2 port configuration
1.7
2.6
3.6
9.1
2-port cal, 2 port configuration
2.8
4.7
6.7
18
4-port cal, 4 port configuration
6.8
12
17
45
6-port cal, 6 port configuration
13
22
33
91
Start 1.2 GHz, stop 1.4 GHz, 100 kHz IF bandwidth
Uncorrected, 2 port configuration
2.0
4.2
7.0
23
2-port cal, 2 port configuration
3.7
7.9
14
46
4-port cal, 4 port configuration
8.2
18
29
95
6-port cal, 6 port configuration
15
30
47
147
Unit: ms


Similar Part No. - M9340A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9341A KEYSIGHT-M9341A Datasheet
1Mb / 10P
M9341A PXIe Digital I/O
M9341B KEYSIGHT-M9341B Datasheet
1Mb / 10P
M9341A PXIe Digital I/O
logo
STMicroelectronics
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
525Kb / 34P
4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M9346-BN6T STMICROELECTRONICS-M9346-BN6T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
More results

Similar Description - M9340A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
M9389A PXIe Vector Network Analyzer Source
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
M9393A PXIe Performance Vector Signal Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
Vector Network Analyzer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com