Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9340A Datasheet(PDF) 20 Page - Keysight Technologies

Part # M9340A
Description  M9485A PXIe Multiport Vector Network Analyzer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9340A Datasheet(HTML) 20 Page - Keysight Technologies

Back Button M9340A Datasheet HTML 16Page - Keysight Technologies M9340A Datasheet HTML 17Page - Keysight Technologies M9340A Datasheet HTML 18Page - Keysight Technologies M9340A Datasheet HTML 19Page - Keysight Technologies M9340A Datasheet HTML 20Page - Keysight Technologies M9340A Datasheet HTML 21Page - Keysight Technologies M9340A Datasheet HTML 22Page - Keysight Technologies M9340A Datasheet HTML 23Page - Keysight Technologies M9340A Datasheet HTML 24Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
20 | Keysight | M9485A PXIe Multiport Vector Network Analyzer 1 MHz/50 MHz to 9 GHz - Data Sheet
General Information
Description
General characteristic
Supported number of Port1
2 to 24 (M9376A), 2 to 12 (M9377A/M9378A/B)
IF bandwidth
Range
1 Hz to 10 MHz, nominal settings are: 1, 1.5, 2, 3, 4, 5, 7 step, except 1.5 Hz
1. When the configuration is a combination of M9376A/77A/78A/B, the supported number of port is varied between 2 and 22 depending on the configuration.
Measurement throughput summary for Option 1xx
Measurement throughput data is supplemental performance data.
Common condition for the measurement throughput data:
– Analyzer display turned off with: DISPlay:ENABle OFF, DISPlay:VISible OFF
– Number of traces = 1 (S11 only)
– Leveling Mode: Open Loop
– Option 1xx (M9376A)
– Chassis: M9018A, Controller: M9037A (Windows 7, 64 bit)
– Firmware version: A.11.70
Cycle time for measurement completion
Number of points
Description
51
201
401
1601
Start 1.2 GHz, stop 1.4 GHz, 1 MHz IF bandwidth
Uncorrected, 2 port configuration
1.7
2.8
3.9
9.2
2-port cal, 2 port configuration
3.0
4.9
7.1
18
4-port cal, 4 port configuration
7.0
13
18
50
12-port cal, 12 port configuration
40
82
130
368
Start 1.2 GHz, stop 1.4 GHz, 100 kHz IF bandwidth
Uncorrected, 2 port configuration
2.0
4.3
7.0
23
2-port cal, 2 port configuration
3.7
8.0
14
46
4-port cal, 4 port configuration
8.4
19
30
96
12-port cal, 12 port configuration
45
93
150
445
Start 1.2 GHz, stop 1.4 GHz, 1 kHz IF bandwidth
Uncorrected, 2 port configuration
51
196
389
1545
2-port cal, 2 port configuration
101
391
776
3089
4-port cal, 4 port configuration
202
781
1553
6180
12-port cal, 12 port configuration
616
2357
4676
18581
Start 1 MHz, stop 9 GHz, 1 MHz IF bandwidth
Uncorrected, 2 port configuration
3.5
6.1
9.3
18
2-port cal, 2 port configuration
6.2
12
19
35
4-port cal, 4 port configuration
14
25
39
78
12-port cal, 12 port configuration
60
115
175
445
Start 1 MHz, stop 9 GHz, 100 kHz IF bandwidth
Uncorrected, 2 port configuration
3.7
7.9
13
32
2-port cal, 2 port configuration
7.3
16
26
63
4-port cal, 4 port configuration
15
33
53
129
12-port cal, 12 port configuration
64
129
203
524
Unit: ms


Similar Part No. - M9340A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9341A KEYSIGHT-M9341A Datasheet
1Mb / 10P
M9341A PXIe Digital I/O
M9341B KEYSIGHT-M9341B Datasheet
1Mb / 10P
M9341A PXIe Digital I/O
logo
STMicroelectronics
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
525Kb / 34P
4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M9346-BN6T STMICROELECTRONICS-M9346-BN6T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
More results

Similar Description - M9340A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
M9389A PXIe Vector Network Analyzer Source
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
M9393A PXIe Performance Vector Signal Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
Vector Network Analyzer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com