Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9340A Datasheet(PDF) 17 Page - Keysight Technologies

Part # M9340A
Description  M9485A PXIe Multiport Vector Network Analyzer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9340A Datasheet(HTML) 17 Page - Keysight Technologies

Back Button M9340A Datasheet HTML 13Page - Keysight Technologies M9340A Datasheet HTML 14Page - Keysight Technologies M9340A Datasheet HTML 15Page - Keysight Technologies M9340A Datasheet HTML 16Page - Keysight Technologies M9340A Datasheet HTML 17Page - Keysight Technologies M9340A Datasheet HTML 18Page - Keysight Technologies M9340A Datasheet HTML 19Page - Keysight Technologies M9340A Datasheet HTML 20Page - Keysight Technologies M9340A Datasheet HTML 21Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
17 | Keysight | M9485A PXIe Multiport Vector Network Analyzer 1 MHz/50 MHz to 9 GHz - Data Sheet
Test port input
Description
Typical
Trace noise
(Source/Receiver: Standard Configuration, Source/Receiver Reference/Test Attenuator: 0 dB)
Magnitude Transmission
10 M to 20 MHz, IF BW: 1 kHz, Power: -6 dBm
20 M to 50 MHz, IF BW: 10 kHz, Power: -6 dBm
50 M to 400 MHz, IF BW: 10 kHz, Power: 0 dBm
400 M to 6 GHz, IF BW: 10 kHz, Power: 0 dBm
6 G to 9 GHz, IF BW: 10 kHz, Power: 0 dBm
Phase Transmission
10 M to 20 MHz, IF BW: 1 kHz, Power: -6 dBm
20 M to 50 MHz, IF BW: 10 kHz, Power: -6 dBm
50 M to 400 MHz, IF BW: 10 kHz, Power: 0 dBm
400 M to 6 GHz, IF BW: 10 kHz, Power: 0 dBm
6 G to 9 GHz, IF BW: 10 kHz, Power: 0 dBm
Magnitude Reflection
10 M to 20 MHz, IF BW: 1 kHz, Power: -6 dBm
20 M to 50 MHz, IF BW: 10 kHz, Power: -6 dBm
50 M to 400 MHz, IF BW: 10 kHz, Power: 0 dBm
400 M to 6 GHz, IF BW: 10 kHz, Power: 0 dBm
6 G to 9 GHz, IF BW: 10 kHz, Power: 0 dBm
Phase Reflection
10 M to 20 MHz, IF BW: 1 kHz, Power: -6 dBm
20 M to 50 MHz, IF BW: 10 kHz, Power: -6 dBm
50 M to 400 MHz, IF BW: 10 kHz, Power: 0 dBm
400 M to 6 GHz, IF BW: 10 kHz, Power: 0 dBm
6 G to 9 GHz, IF BW: 10 kHz, Power: 0 dBm
0.2 dBrms
0.03 dBrms
0.005 dBrms
0.001 dBrms
0.0017 dBrms
1.4 degrms
0.2 degrms
0.035 degrms
0.007 degrms
0.012 degrms
0.2 dBrms
0.03 dBrms
0.005 dBrms
0.001 dBrms
0.0017 dBrms
1.4 degrms
0.2 degrms
0.035 degrms
0.007 degrms
0.012 degrms
Stability
(Source/Receiver: Standard Configuration)
Magnitude
10 M to 50 MHz
50 M to 3 GHz
3 G to 6 GHz
6 G to 9 GHz
Phase
10 M to 50 MHz
50 M to 3 GHz
3 G to 6 GHz
6 G to 9 GHz
±0.010 dB/°C
±0.005 dB/°C
±0.010 dB/°C
±0.040 dB/°C
±0.2 deg/°C
±0.1 deg/°C
±0.2 deg/°C
±0.8 deg/°C


Similar Part No. - M9340A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9341A KEYSIGHT-M9341A Datasheet
1Mb / 10P
M9341A PXIe Digital I/O
M9341B KEYSIGHT-M9341B Datasheet
1Mb / 10P
M9341A PXIe Digital I/O
logo
STMicroelectronics
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
525Kb / 34P
4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M9346-BN6T STMICROELECTRONICS-M9346-BN6T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
More results

Similar Description - M9340A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
M9389A PXIe Vector Network Analyzer Source
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
M9393A PXIe Performance Vector Signal Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
Vector Network Analyzer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com