Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9340A Datasheet(PDF) 15 Page - Keysight Technologies

Part # M9340A
Description  M9485A PXIe Multiport Vector Network Analyzer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9340A Datasheet(HTML) 15 Page - Keysight Technologies

Back Button M9340A Datasheet HTML 11Page - Keysight Technologies M9340A Datasheet HTML 12Page - Keysight Technologies M9340A Datasheet HTML 13Page - Keysight Technologies M9340A Datasheet HTML 14Page - Keysight Technologies M9340A Datasheet HTML 15Page - Keysight Technologies M9340A Datasheet HTML 16Page - Keysight Technologies M9340A Datasheet HTML 17Page - Keysight Technologies M9340A Datasheet HTML 18Page - Keysight Technologies M9340A Datasheet HTML 19Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
15 | Keysight | M9485A PXIe Multiport Vector Network Analyzer 1 MHz/50 MHz to 9 GHz - Data Sheet
Test port output (source)
Test port output frequency
Description
Typical
Frequency range
50 MHz to 9 GHz
Resolution
1 Hz
Accuracy
See M9300A
Test port output power
Description
Typical
Nominal power (preset power)
0 dBm
Power range/Power sweep range
(Source: Standard Configuration)
50 M to 6 GHz
6 G to 9 GHz
–90 dBm to max leveled power
–30 dBm to max leveled power
Max leveled power
(Source: Standard Configuration)
10 M to 50 MHz
50 M to 3 GHz
3 G to 5 GHz
5 G to 7 GHz
7 G to 9 GHz
-6 dBm
17 dBm
16 dBm
13 dBm
12 dBm
Resolution
0.01 dB
Level accuracy1
(Source: Standard Configuration)
Normal measurement
Leveling mode: Internal
50 M to 6 GHz, 0 dBm
6 G to 9 GHz, 0 dBm
Leveling mode: Open loop
50 M to 6 GHz, 0 dBmm
6 G to 9 GHz, 0 dBm
± 0.5 dB
± 1.0 dB
± 1.0 dB
±1.75 dB
Level linearity2
(Source: Standard Configuration)
Leveling mode: Internal
–20 dBm to max leveled power, 50 M to 6 GHz
–20 dBm to max leveled power, 6 G to 9 GHz
–85 dBm to –20 dBm, 50 M to 3 GHz
–85 dBm to –20 dBm, 3 G to 6 GHz
–30 dBm to –20 dBm, 6 G to 9 GHz
Leveling mode: Open loop
–20 dBm to max leveled power, 50 M to 6 GHz
–20 dBm to max leveled power, 6 G to 9 GHz
–85 dBm to –20 dBm, 50 M to 3 GHz
–85 dBm to –20 dBm, 3 G to 6 GHz
–30 dBm to –20 dBm, 6 G to 9 GHz
± 0.5 dB
± 1.0 dB
± 1.4 dB
± 1.5 dB
± 2.3 dB
± 0.5 dB
± 1.0 dB
± 2.7 dB
± 2.8 dB
± 3.6 dB
1. System Power calibration is required.
2. Level linearity given is relative to 0 dBm


Similar Part No. - M9340A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9341A KEYSIGHT-M9341A Datasheet
1Mb / 10P
M9341A PXIe Digital I/O
M9341B KEYSIGHT-M9341B Datasheet
1Mb / 10P
M9341A PXIe Digital I/O
logo
STMicroelectronics
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
525Kb / 34P
4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M9346-BN6T STMICROELECTRONICS-M9346-BN6T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
More results

Similar Description - M9340A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
M9389A PXIe Vector Network Analyzer Source
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
M9393A PXIe Performance Vector Signal Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
Vector Network Analyzer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com