Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9340A Datasheet(PDF) 14 Page - Keysight Technologies

Part # M9340A
Description  M9485A PXIe Multiport Vector Network Analyzer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9340A Datasheet(HTML) 14 Page - Keysight Technologies

Back Button M9340A Datasheet HTML 10Page - Keysight Technologies M9340A Datasheet HTML 11Page - Keysight Technologies M9340A Datasheet HTML 12Page - Keysight Technologies M9340A Datasheet HTML 13Page - Keysight Technologies M9340A Datasheet HTML 14Page - Keysight Technologies M9340A Datasheet HTML 15Page - Keysight Technologies M9340A Datasheet HTML 16Page - Keysight Technologies M9340A Datasheet HTML 17Page - Keysight Technologies M9340A Datasheet HTML 18Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
14 | Keysight | M9485A PXIe Multiport Vector Network Analyzer 1 MHz/50 MHz to 9 GHz - Data Sheet
Uncorrected system performance
User correction: OFF, After System Power Calibration, Source: Standard Configuration, Receiver: Standard Configuration
Typical (dB)
Description
10 M to 50 MHz
50 M to 1 GHz
1 G to 3 GHz
3 G to 6 GHz
6 G to 9 GHz
Directivity
30
35
30
25
Source match
30
35
30
25
Load match
5
10
10
10
10
Typical (dB)
Description
50 M to 3 GHz
3 G to 6 GHz
6G to 9 GHz
Transmission tracking1
± 0.2
± 0.4
± 0.6
Reflection tracking1
± 0.2
± 0.4
± 0.6
Crosstalk
Range
Typical (dB)
(IFBW 10 Hz)
10 M to 50 MHz
65 dB
50 M to 100 MHz
122 dB
100 M to 200 MHz
128 dB
200 M to 400 MHz
134 dB
400 M to 800 MHz
140 dB
800 M to 3 GHz
144 dB
3 G to 5 GHz
141 dB
5 G to 6 GHz
138 dB
6 G to 7 GHz
135 dB
7 G to 9 GHz
134 dB
1. After system power calibration


Similar Part No. - M9340A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9341A KEYSIGHT-M9341A Datasheet
1Mb / 10P
M9341A PXIe Digital I/O
M9341B KEYSIGHT-M9341B Datasheet
1Mb / 10P
M9341A PXIe Digital I/O
logo
STMicroelectronics
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
525Kb / 34P
4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M9346-BN6T STMICROELECTRONICS-M9346-BN6T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
More results

Similar Description - M9340A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
M9389A PXIe Vector Network Analyzer Source
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
M9393A PXIe Performance Vector Signal Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
Vector Network Analyzer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com