Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9340A Datasheet(PDF) 34 Page - Keysight Technologies

Part # M9340A
Description  M9485A PXIe Multiport Vector Network Analyzer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9340A Datasheet(HTML) 34 Page - Keysight Technologies

Back Button M9340A Datasheet HTML 30Page - Keysight Technologies M9340A Datasheet HTML 31Page - Keysight Technologies M9340A Datasheet HTML 32Page - Keysight Technologies M9340A Datasheet HTML 33Page - Keysight Technologies M9340A Datasheet HTML 34Page - Keysight Technologies M9340A Datasheet HTML 35Page - Keysight Technologies M9340A Datasheet HTML 36Page - Keysight Technologies M9340A Datasheet HTML 37Page - Keysight Technologies M9340A Datasheet HTML 38Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
34 | Keysight | M9485A PXIe Multiport Vector Network Analyzer 1 MHz/50 MHz to 9 GHz - Data Sheet
Attenuator
Description
Specification
Typical
Attenuation
10 M to 50 MHz
50 M to 3 GHz
3 G to 6 GHz
6 G to 9 GHz
14 to 27 dB
18 to 32 dB
18 to 32 dB
18 to 24 dB
18 to 24 dB
20 to 26 dB
21 to 28 dB
Input Port Match
10 M to 50 MHz
50 M to 9 GHz
14 dB
8 dB
16 dB
Output Port Match
10 M to 50 MHz
50 M to 5 GHz
5 G to 9 GHz
15 dB
12 dB
8 dB
18 dB
14 dB
Bias T (M9378B only)
Description
Specification
Typical
Insertion Loss (RF to RF+DC)
50 MHz to 1 GHz
1 G to 4 GHz
4 G to 6 GHz
6 G to 9 GHz
9 G to 14 GHz
1.0 dB
1.5 dB
1.8 dB
2.3 dB
0.3 dB
0.9 dB
1.2 dB
1.6 dB
2.3 dB
Return Loss (RF, RF+DC)
50 MHz to 6 GHz
6 G to 9 GHz
13 dB
10 dB
15 dB
15 dB
DC Resistance
1 ohm
Isolation1
200 M to 14 GHz
90 dB
1. Isolation between RF and DC ports
Front panel connector
Description
General characteristics
Test Port1
Damage Level
3.5 mm female
+43 dBm
Arm T/Arm R
Damage Level
3.5 mm female
+30 dBm
Source In
Damage Level
3.5 mm female
+43 dBm
Thru R/Thru T
Damage Level
3.5 mm female
+43 dBm
ATT Out
Damage Level
3.5 mm female
+26 dBm
ATT In
Damage Level
3.5 mm female
+41 dBm
Bias RF+DC, RF (M9378B only)
Damage Level
Max Bias Current
Max Bias Voltage
3.5 mm female
+30 dBm
600 mA
35 V
Bias DC (M9378B only)
SMB male
1. SMA (m)-(f) adapter is furnished as test port saver.


Similar Part No. - M9340A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9341A KEYSIGHT-M9341A Datasheet
1Mb / 10P
M9341A PXIe Digital I/O
M9341B KEYSIGHT-M9341B Datasheet
1Mb / 10P
M9341A PXIe Digital I/O
logo
STMicroelectronics
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
525Kb / 34P
4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M9346-BN6T STMICROELECTRONICS-M9346-BN6T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
More results

Similar Description - M9340A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
M9389A PXIe Vector Network Analyzer Source
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
M9393A PXIe Performance Vector Signal Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
Vector Network Analyzer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com