Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9340A Datasheet(PDF) 28 Page - Keysight Technologies

Part # M9340A
Description  M9485A PXIe Multiport Vector Network Analyzer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9340A Datasheet(HTML) 28 Page - Keysight Technologies

Back Button M9340A Datasheet HTML 24Page - Keysight Technologies M9340A Datasheet HTML 25Page - Keysight Technologies M9340A Datasheet HTML 26Page - Keysight Technologies M9340A Datasheet HTML 27Page - Keysight Technologies M9340A Datasheet HTML 28Page - Keysight Technologies M9340A Datasheet HTML 29Page - Keysight Technologies M9340A Datasheet HTML 30Page - Keysight Technologies M9340A Datasheet HTML 31Page - Keysight Technologies M9340A Datasheet HTML 32Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
28 | Keysight | M9485A PXIe Multiport Vector Network Analyzer 1 MHz/50 MHz to 9 GHz - Data Sheet
M9377A PXIe vector network analyzer direct access receiver
Source output
Description
Specification
Typical
Frequency range
50 MHz to 9 GHz
Max leveled power
10 M to 50 MHz (@Input level -4.5 dBm)
50 M to 2 GHz (@Input level -4.5 dBm)
2 G to 3 GHz (@Input level -4.5 dBm)
3 G to 4 GHz (@Input level -7.0 dBm)
4 G to 5 GHz (@Input level -7.5 dBm)
5 G to 6 GHz (@Input level -7.5 dBm)
6 G to 7 GHz (@Input level -10.0 dBm)
7 G to 9 GHz (@Input level -10. 5 dBm)
19 dBm
18 dBm
17 dBm
17 dBm
16 dBm
16 dBm
15 dBm
-5 dBm
21 dBm
21 dBm
19.5 dBm
19.5 dBm
18.5 dBm
18.5 dBm
17.5 dBm
Harmonics (2nd or 3rd)
10 M to 50 MHz, -5 dBm out
50 M to 9 GHz, 10 dBm out
-20 dBc
-20 dBc
Non-Harmonics Spurious
10 M to 50 MHz, -5 dBm out
50 M to 9 GHz, 10 dBm out
-30 dBc
-30 dBc
Source Output Port Return Loss
10 M to 50 MHz
50 M to 3 GHz
3 G to 6 GHz
6 G to 9 GHz
13 dB
10 dB
8 dB
5 dB
15 dB
13 dB
10 dB
Receiver, test Input (T In) and reference Input (R In)
Return Loss
Range
Specification
Typical
10 M to 50 MHz
50 M to 3 GHz
3 G to 6 GHz
6 G to 9 GHz
13 dB
10 dB
8 dB
5 dB
15 dB
13 dB
10 dB
Noise Floor1
Range
Specification
Typical
(Reference/Test Attenuator 0 dB, IFBW 1 Hz)
10 M to 50 MHz
50 M to 3 GHz
3 G to 6 GHz
6 G to 9 GHz
-145 dBm
-145 dBm
-140 dBm
-135 dBm
-154 dBm
-153 dBm
-150 dBm
Cross Talk
Range
Specification
Typical
(Reference/Test Attenuator 0 dB, Source out to R In or T In)
10 M to 50 MHz
50 M to 7 GHz
7 G to 9 GHz
Between T In and R In
10 M to 9 GHz (Reference/Test Attenuator 0 dB)
10 M to 9 GHz (Reference/Test Attenuator 35 dB)
-60 dB
-70 dB
-50 dB
-70 dB
-45 dB
1. FOM is off.


Similar Part No. - M9340A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9341A KEYSIGHT-M9341A Datasheet
1Mb / 10P
M9341A PXIe Digital I/O
M9341B KEYSIGHT-M9341B Datasheet
1Mb / 10P
M9341A PXIe Digital I/O
logo
STMicroelectronics
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
525Kb / 34P
4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M9346-BN6T STMICROELECTRONICS-M9346-BN6T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
More results

Similar Description - M9340A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
M9389A PXIe Vector Network Analyzer Source
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
M9393A PXIe Performance Vector Signal Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
Vector Network Analyzer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com