Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9340A Datasheet(PDF) 25 Page - Keysight Technologies

Part # M9340A
Description  M9485A PXIe Multiport Vector Network Analyzer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9340A Datasheet(HTML) 25 Page - Keysight Technologies

Back Button M9340A Datasheet HTML 21Page - Keysight Technologies M9340A Datasheet HTML 22Page - Keysight Technologies M9340A Datasheet HTML 23Page - Keysight Technologies M9340A Datasheet HTML 24Page - Keysight Technologies M9340A Datasheet HTML 25Page - Keysight Technologies M9340A Datasheet HTML 26Page - Keysight Technologies M9340A Datasheet HTML 27Page - Keysight Technologies M9340A Datasheet HTML 28Page - Keysight Technologies M9340A Datasheet HTML 29Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
25 | Keysight | M9485A PXIe Multiport Vector Network Analyzer 1 MHz/50 MHz to 9 GHz - Data Sheet
Test port noise floor1
Range
Specification
Typical
(IFBW=1 Hz)
1 M to 20 MHz
–110 dBm
–125 dBm
20 M to 9 GHz
–125 dBm
–135 dBm
Compression level
Range
Specification
Typical
Magnitude
1 M to 9 GHz, +10 dBm input
1 M to 6 GHz, +10 dBm input
6 G to 9 GHz, +10 dBm input
0.21 dB
0.04 dB
0.08 dB
Phase
1 M to 9 GHz, +10 dBm input
1 M to 6 GHz, +10 dBm input
6 G to 9 GHz, +10 dBm input
5.0 deg
0.3 deg
0.6 deg
0.1 dB compression input level
1 M to 100 MHz
100 M to 1 GHz
1 G to 4 GHz
4 G to 7 GHz
7 G to 8 GHz
8 G to 9 GHz
12 dBm
15 dBm
13 dBm
12 dBm
11 dBm
9 dBm
Trace noise (reflection)
Range
(test port input level = maximum power in
Specification)
Specification
Typical
Magnitude
1 M to 20 MHz, 1 kHz IFBW
20 M to 9 GHz, 10 kHz IFBW
0.003 dB rms
0.003 dB rms
0.001 dB rms
0.001 dB rms
Phase
1 M to 20 MHz, 1 kHz IFBW
20 M to 6 GHz, 10 kHz IFBW
6 G to 9 GHz, 10 kHz IFBW
0.02 deg rms
0.02 deg rms
0.02 deg rms
0.005 deg rms
0.005 deg rms
0.007 deg rms
Absolute measurement accuracy
Range
Specification
Typical
1 M to 6 GHz, 0 dBm
6 G to 9 GHz, 0 dBm
± 0.1 dB
± 0.2 dB
Stability
Range
Typical magnitude
Typical phase
1 M to 3 GHz
3 G to 6 GHz
6 G to 9 GHz
± 0.005 dB/°C
± 0.01 dB/°C
± 0.04 dB/°C
± 0.1 deg/°C
± 0.2 deg/°C
± 0.8 deg/°C
1. FOM is off.


Similar Part No. - M9340A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9341A KEYSIGHT-M9341A Datasheet
1Mb / 10P
M9341A PXIe Digital I/O
M9341B KEYSIGHT-M9341B Datasheet
1Mb / 10P
M9341A PXIe Digital I/O
logo
STMicroelectronics
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
525Kb / 34P
4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M9346-BN6T STMICROELECTRONICS-M9346-BN6T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
More results

Similar Description - M9340A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
M9389A PXIe Vector Network Analyzer Source
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
M9393A PXIe Performance Vector Signal Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
Vector Network Analyzer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com