Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST-1144 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # ST-1144
Description  High performance USB smart card reader
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

ST-1144 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  ST-1144 Datasheet HTML 1Page - Cherry Semiconductor Corporation ST-1144 Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Smart Card Reader
ST-1144 Smart Terminal
Operating systems:
 Windows 7, 8.1, 10
 Android
 Linux
 Mac OSX
Key benefits
Plug & Play - no software installation required
Worldwide unique business wireless desktop with charge
function in the keyboard and mouse via USB charging
cable - during operation. No battery logistics required.
Charging status display for keyboard and mouse
Multiple use capability. Smooth operation of up to 256
desktops in one room via pre-coding without channel
setting
Modern 2.4 GHz wireless technology for extremely high
ranges (up to 10 meters)
Tap-proof with coded data transmission
Ultra-flat ergonomic top-design for fatigue-free work
Ultra silent. Whisper keystroke for low-noise typing
Standard keyboard layout (including cursor and number
block)
GS approval
Distinguished with the Blaue Engel environmental label and
the AGR seal of approval for ergonomic, back-friendly work.
Symmetrical 3-button design mouse with energy-saving
optical sensor for precise and reliable scanning Ready for
use immediately with pre-charged batteries
Dimensions (product):
 75 x 51 x 55 mm
 2.95 x 2.01 x 2.17 inches
Government Security Products
Technical Data:
Current Consumption:
 Max. 30 mA
Insertion Cycles:
 Approx. 100,000
Actual model may vary from the image shown
USB Smart Card Reader
The ST-1144 smart card reader with a weighted base
provides a stable one hand operation for Smart Card
insertion and extraction. Whether used for access,
monitoring network logon or chip card-based internet
transactions - the ST-1144 Smartcard Reader with USB
connection is the perfect solution.
Storage Temperature:
 -20°C to 60°C
 -4°F to 140°F
Models may vary from the image shown
Smart Card Speed:
 Up to 412,903 bps
Interface:
 USB
Key Features:
 High performance USB smart card reader
 Low Power: 30mA max.
 CardMan 3121 compatible
 Sleep Mode when in standby
 USB 2.0 compatible
 High speed data transmission
 Weighted base for “single-handed operation”
 PC/SC smart card reader
 CT-Api and OCF support
 Protocols: T=0, T=1, S=8, S=9, S=10
 CCID compatible
 TAA compliant
 FIPS 201 certification pending
Weight (product):
 Approx 300 g
 0.66 lbs.
System Requirements:
 USB connection
Delivery Volume:
 SmartTerminal ST-1144U
 Operating instructions in hard copy
Packing Unit:
 Number of products in the master package: 10
 Number of master packages per pallet: 54
Total weight (with packaging):
 350 g
 0.77 lbs.
Housing color:
 White with black base
Operating Temperature:
 -0°C to 50°C
 32°F to 122°F
Dimensions (packaging):
 117 x 59 x 147 mm
 6.97 x 2.32 x 5.79 inches
Product Approvals:
cURus
VDE GS
VCCI
CE
FCC
VDE
Cable Length:
 Approx. 1.75 m
 Approx 5.74 ft


Similar Part No. - ST-1144

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
More results

Similar Description - ST-1144

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
logo
List of Unclassifed Man...
AU9520 ETC2-AU9520_05 Datasheet
204Kb / 17P
   USB Smart Card Reader Controller
AU9525 ETC2-AU9525 Datasheet
478Kb / 15P
   USB Smart Card Reader Controller
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
   USB Smart Card Reader Controller
logo
NXP Semiconductors
TDA8031 PHILIPS-TDA8031 Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
logo
ATMEL Corporation
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
   USB Smart Card Reader Controller Technical Reference Manual
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5122 ATMEL-AT83C5122_08 Datasheet
2Mb / 208P
   C51 Microcontroller with USB and Smart Card Reader Interfaces
logo
List of Unclassifed Man...
AU9510F ETC1-AU9510F Datasheet
201Kb / 17P
   AU9510F USB Smart Card Reader Controller Technical Reference Manual
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com