Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6190 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX6190
Description  Precision, Micropower, Low-Dropout Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6190 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX6190 Datasheet HTML 6Page - Maxim Integrated Products MAX6190 Datasheet HTML 7Page - Maxim Integrated Products MAX6190 Datasheet HTML 8Page - Maxim Integrated Products MAX6190 Datasheet HTML 9Page - Maxim Integrated Products MAX6190 Datasheet HTML 10Page - Maxim Integrated Products MAX6190 Datasheet HTML 11Page - Maxim Integrated Products MAX6190 Datasheet HTML 12Page - Maxim Integrated Products MAX6190 Datasheet HTML 13Page - Maxim Integrated Products MAX6190 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Precision, Micropower,
Low-Dropout Voltage References
12
______________________________________________________________________________________
Detailed Description
The MAX6190–MAX6195/MAX6198 precision bandgap
references use a proprietary curvature-correction circuit
and laser-trimmed thin-film resistors, resulting in a low
temperature coefficient of <5ppm/°C and initial accura-
cy of better than 0.1%. These devices can sink and
source up to 500µA with <200mV of dropout voltage,
making them attractive for use in low-voltage applica-
tions.
Applications Information
Output/Load Capacitance
Devices in this family do not require an output capaci-
tance for frequency stability. They are stable for capac-
itive loads from 0 to 2.2nF. However, in applications
where the load or the supply can experience step
changes, an output capacitor will reduce the amount of
overshoot (or undershoot) and assist the circuit’s tran-
sient response. Many applications do not need an
external capacitor, and this family can offer a signifi-
cant advantage in these applications when board
space is critical.
Supply Current
The quiescent supply current of these series-mode ref-
erences is a maximum of 35µA and is virtually indepen-
dent of the supply voltage, with only a 0.8µA/V variation
with supply voltage. Unlike series references, shunt-
mode references operate with a series resistor connect-
ed to the power supply. The quiescent current of a
shunt-mode reference is thus a function of the input
voltage. Additionally, shunt-mode references have to
be biased at the maximum expected load current, even
if the load current is not present all the time. In the
series-mode MAX6190 family, the load current is drawn
from the input voltage only when required, so supply
current is not wasted and efficiency is maximized at all
input voltages. This improved efficiency can help
reduce power dissipation and extend battery life.
When the supply voltage is below the minimum speci-
fied input voltage (as during turn-on), the devices can
draw up to 200µA beyond the nominal supply current.
The input voltage source must be capable of providing
this current to ensure reliable turn-on.
Output Voltage Hysteresis
Output voltage hysteresis is the change in the output
voltage at TA = +25°C before and after the device is
cycled over its entire operating temperature range.
Hysteresis is caused by differential package stress
appearing across the bandgap core transistors. The
typical temperature hysteresis value is 75ppm.
Turn-On Time
These devices typically turn on and settle to within
0.1% of their final value in 30µs to 220µs, depending on
the device. The turn-on time can increase up to 1.5ms
with the device operating at the minimum dropout volt-
age and the maximum load.
Positive and Negative Low-Power
Voltage Reference
Figure 1 shows a typical method for developing a bipo-
lar reference. The circuit uses a MAX681 voltage dou-
bler/inverter charge-pump converter to power an
ICL7652, thus creating a positive as well as a negative
reference voltage.
NAME
FUNCTION
1, 3, 5, 7,
8
N.C.
No Connection. Not internally
connected.
PIN
4
GND
Ground
Pin Description
6
OUT
Reference Voltage Output
2
IN
Supply Voltage Input


Similar Part No. - MAX6190

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
MAX6190A MAXIM-MAX6190A Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190AESA MAXIM-MAX6190AESA Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190AESA++ MAXIM-MAX6190AESA+ Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
More results

Similar Description - MAX6190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
   Micropower Low Dropout References
LTC1258 LINER-LTC1258_15 Datasheet
139Kb / 8P
   Micropower Low Dropout References
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
logo
Linear Technology
LTC1798 LINER-LTC1798 Datasheet
152Kb / 8P
   Micropower Low Dropout References
LTC1798 LINER-LTC1798_15 Datasheet
881Kb / 10P
   Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com