Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6190 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6190
Description  Precision, Micropower, Low-Dropout Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6190 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6190 Datasheet HTML 1Page - Maxim Integrated Products MAX6190 Datasheet HTML 2Page - Maxim Integrated Products MAX6190 Datasheet HTML 3Page - Maxim Integrated Products MAX6190 Datasheet HTML 4Page - Maxim Integrated Products MAX6190 Datasheet HTML 5Page - Maxim Integrated Products MAX6190 Datasheet HTML 6Page - Maxim Integrated Products MAX6190 Datasheet HTML 7Page - Maxim Integrated Products MAX6190 Datasheet HTML 8Page - Maxim Integrated Products MAX6190 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX6190–MAX6195/MAX6198 precision, micro-
power, low-dropout voltage references offer high initial
accuracy and very low temperature coefficient through
a proprietary curvature-correction circuit and laser-
trimmed precision thin-film resistors.
These series-mode bandgap references draw a maxi-
mum of only 35µA quiescent supply current, making
them ideal for battery-powered instruments. They offer
a supply current that is virtually immune to input volt-
age variations. Load-regulation specifications are
guaranteed for source and sink currents up to 500µA.
These devices are internally compensated, making
them ideal for applications that require fast settling,
and are stable with capacitive loads up to 2.2nF.
Features
o ±2mV (max) Initial Accuracy
o 5ppm/°C (max) Temperature Coefficient
o 35µA (max) Supply Current
o 100mV Dropout at 500µA Load Current
o 0.12µV/µA Load Regulation
o 8µV/V Line Regulation
Applications
Hand-Held Instruments
Analog-to-Digital and Digital-to-Analog Converters
Industrial Process Control
Precision 3V/5V Systems
Hard-Disk Drives
Precision, Micropower,
Low-Dropout Voltage References
________________________________________________________________ Maxim Integrated Products
1
19-1408; Rev 2; 10/01
PART
MAX6190AESA
MAX6190BESA
MAX6190CESA
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP RANGE
PIN-PACKAGE
8 SO
8 SO
8 SO
Ordering Information
MAX6191AESA
-40°C to +85°C
8 SO
MAX6191BESA
-40°C to +85°C
8 SO
MAX6191CESA
-40°C to +85°C
8 SO
MAX6192AESA
-40°C to +85°C
8 SO
MAX6192BESA
-40°C to +85°C
8 SO
MAX6192CESA
-40°C to +85°C
8 SO
Selector Guide
Typical Operating Circuit appears at end of data sheet.
<25
±10
5.000
MAX6195C
<10
±5
5.000
MAX6195B
<5
±2
5.000
MAX6195A
<25
±10
4.500
MAX6194C
<10
±5
4.500
MAX6194B
<5
±2
4.500
MAX6194A
<25
±10
3.000
MAX6193C
<10
±5
3.000
MAX6193B
<5
±2
3.000
MAX6193A
<25
±10
2.500
MAX6192C
<10
±5
2.500
MAX6192B
<5
±2
2.500
MAX6192A
TEMPERATURE
COEFFICIENT
(ppm/°C)
<5
<10
<25
<5
<10
<25
PART
OUTPUT
VOLTAGE
(V)
INITIAL
ACCURACY
(mV)
MAX6190B
MAX6190A
1.250
±2
1.250
±4
MAX6190C
1.250
±6
MAX6191B
MAX6191A
2.048
±2
2.048
±5
MAX6191C
2.048
±10
Pin Configuration
OUT
N.C.
GND
1
2
8
7
N.C.
N.C.
IN
N.C.
N.C.
SO
TOP VIEW
3
4
6
5
MAX6190–
MAX6195
MAX6198
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
<25
±10
4.096
MAX6198C
<10
±5
4.096
MAX6198B
<5
±2
4.096
MAX6198A
Ordering Information continued at end of data sheet.


Similar Part No. - MAX6190

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
MAX6190A MAXIM-MAX6190A Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190AESA MAXIM-MAX6190AESA Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190AESA++ MAXIM-MAX6190AESA+ Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
More results

Similar Description - MAX6190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
   Micropower Low Dropout References
LTC1258 LINER-LTC1258_15 Datasheet
139Kb / 8P
   Micropower Low Dropout References
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
logo
Linear Technology
LTC1798 LINER-LTC1798 Datasheet
152Kb / 8P
   Micropower Low Dropout References
LTC1798 LINER-LTC1798_15 Datasheet
881Kb / 10P
   Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com