Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10C150 Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # 10C150
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

10C150 Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  10C150 Datasheet HTML 1Page - Advanced Power Electronics Corp. 10C150 Datasheet HTML 2Page - Advanced Power Electronics Corp. 10C150 Datasheet HTML 3Page - Advanced Power Electronics Corp. 10C150 Datasheet HTML 4Page - Advanced Power Electronics Corp. 10C150 Datasheet HTML 5Page - Advanced Power Electronics Corp. 10C150 Datasheet HTML 6Page - Advanced Power Electronics Corp. 10C150 Datasheet HTML 7Page - Advanced Power Electronics Corp. 10C150 Datasheet HTML 8Page - Advanced Power Electronics Corp. 10C150 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP10C150M
Advanced Power
N AND P-CHANNEL ENHANCEMENT
Electronics Corp.
MODE POWER MOSFET
▼ Simple Drive Requirement
N-CH BVDSS
100V
▼ Low Gate Charge
RDS(ON)
150mΩ
▼ Fast Switching Performance
ID
2.5A
▼ RoHS Compliant & Halogen-Free
P-CH BVDSS
-100V
RDS(ON)
160mΩ
Description
ID
-2.5A
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Rating
Units
N-channel
P-channel
VDS
Drain-Source Voltage
100
-100
V
VGS
Gate-Source Voltage
+20
+20
V
ID@TA=25℃
2.5
-2.5
A
ID@TA=70℃
2.0
-2.0
A
IDM
Pulsed Drain Current
1
10
-10
A
PD@TA=25℃
Total Power Dissipation
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
62.5
/W
Drain Current, VGS @ 10V
3
201705191
Parameter
1
Thermal Data
Halogen-Free Product
2
Drain Current, VGS @ 10V
3
G2
D2
S2
G1
D1
S1
S1
G1
S2
G2
D1
D1
D2
D2
SO-8
AP10C150 series are from Advanced Power innovated design
and silicon process technology to achieve the lowest possible
on-resistance and fast switching performance. It provides the
designer with an extreme efficient device for use in a wide
range of power applications.
The SO-8 package is widely preferred for all commercial-
industrial surface mount applications using infrared reflow
technique and suited for voltage conversion or switch
applications.
.


Similar Part No. - 10C150

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
10C150 A-POWER-10C150 Datasheet
95Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
10C150 A-POWER-10C150 Datasheet
153Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - 10C150

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com