Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3126D2 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3126D2
Description  50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3126D2 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA3126D2 Datasheet HTML 10Page - Texas Instruments TPA3126D2 Datasheet HTML 11Page - Texas Instruments TPA3126D2 Datasheet HTML 12Page - Texas Instruments TPA3126D2 Datasheet HTML 13Page - Texas Instruments TPA3126D2 Datasheet HTML 14Page - Texas Instruments TPA3126D2 Datasheet HTML 15Page - Texas Instruments TPA3126D2 Datasheet HTML 16Page - Texas Instruments TPA3126D2 Datasheet HTML 17Page - Texas Instruments TPA3126D2 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
i
i
1
f
2 Z C
p
=
ƒ
5
6
7
8
9
10
INNR
PLIMIT
GVDD
GAIN/SLV
GND
2
1
1
2
C5
1 F
µ
2
1
51 k
R1
51 k
R2
14
TPA3126D2
SLOS942 – APRIL 2018
www.ti.com
Product Folder Links: TPA3126D2
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Resistor tolerance should be 5% or better.
8.3 Feature Description
8.3.1 Gain Setting and Master and Slave
The gain of the TPA3126D2 is set by the voltage divider connected to the GAIN/SLV control pin. Master or Slave
mode is also controlled by the same pin. An internal ADC is used to detect the 8 input states. The first four states
set the GAIN in Master mode with gains of 20, 26, 32, and 36 dB respectively, while the next four states set the
GAIN in Slave mode with gains of 20, 26, 32, and 36 dB respectively. The gain setting is latched during power-
up and cannot be changed while the device is powered on. Table 1 lists the recommended resistor values for
different state settings.
Table 1. Gain and Master/Slave
MASTER / SLAVE
MODE
GAIN
R1 (to GND)(1)
R2 (to GVDD)(1)
INPUT IMPEDANCE
Master
20 dB
5.6 kΩ
OPEN
60 kΩ
Master
26 dB
20 kΩ
100 kΩ
30 kΩ
Master
32 dB
39 kΩ
100 kΩ
15 kΩ
Master
36 dB
47 kΩ
75 kΩ
9 kΩ
Slave
20 dB
51 kΩ
51 kΩ
60 kΩ
Slave
26 dB
75 kΩ
47 kΩ
30 kΩ
Slave
32 dB
100 kΩ
39 kΩ
15 kΩ
Slave
36 dB
100 kΩ
16 kΩ
9 kΩ
Figure 25. Gain, Master/Slave
In Master mode, the SYNC terminal is an output, while in Slave mode, the SYNC terminal is an input for a clock.
TTL logic levels with compliance to GVDD.
8.3.2 Input Impedance
The TPA3126D2 input stage is a fully differential input stage and the input impedance changes with the gain
setting from 7.3 k
Ω at 36 dB gain to 50 kΩ at 20 dB gain. Table 1 lists the values from min to max gain. The
tolerance of the input resistor value is ±20% so that the minimum value will be higher than 5.9 k
Ω. The inputs
must be AC-coupled to minimize the output DC-offset and ensure correct ramping of the output voltages during
power-ON and power-OFF. The input AC-coupling capacitor along with the input impedance forms a high-pass
filter with the following cut-off frequency:
(1)
If a flat bass response is required down to 20 Hz the recommended cut-off frequency is a tenth of that, 2 Hz.
Table 2 lists the recommended AC-coupling capacitors for each gain setting. If a –3-dB frequency response is
accepted at 20 Hz, 10 times lower capacitors (for example, a 1-µF capacitor) can be used.


Similar Part No. - TPA3126D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWP TI-TPA3120D2PWP Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWP TI-TPA3120D2PWP Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWPG4 TI-TPA3120D2PWPG4 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3126D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3156D2 TI1-TPA3156D2 Datasheet
3Mb / 40P
[Old version datasheet]   70-W, Analog Input, Stereo, Class-D Audio Amplifier With Low Idle Power Dissipation
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
   2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
logo
Cirrus Logic
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
   2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com