Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3126D2 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3126D2
Description  50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3126D2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA3126D2 Datasheet HTML 7Page - Texas Instruments TPA3126D2 Datasheet HTML 8Page - Texas Instruments TPA3126D2 Datasheet HTML 9Page - Texas Instruments TPA3126D2 Datasheet HTML 10Page - Texas Instruments TPA3126D2 Datasheet HTML 11Page - Texas Instruments TPA3126D2 Datasheet HTML 12Page - Texas Instruments TPA3126D2 Datasheet HTML 13Page - Texas Instruments TPA3126D2 Datasheet HTML 14Page - Texas Instruments TPA3126D2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Frequency (Hz)
-100
-80
-60
-40
-20
0
100
1k
10k
20
20k
D020
Gain=26dB
PVCC=12VDC+200mVP-P
TA=25qC
RL=8:
Left Channel
Right Channel
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
20
20k
D021
Gain=26dB
PVcc=12V
TA=25qC
RL=2:
P O=1W
PO =5W
PO=10W
Frequency (Hz)
-140
-120
-100
-80
-60
-40
-20
0
100
1k
10k
20
20k
D003
D019
Gain=26dB
PVCC=12V
TA=25qC
RL=4:
Right to Left
Left to Right
Frequency (Hz)
-140
-120
-100
-80
-60
-40
-20
0
100
1k
10k
20
20k
D003
D018
Gain=26dB
PVCC=24V
TA=25qC
RL=8:
D001
Right to Left
Left to Right
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
D016
Gain=26dB
TA=25qC
RL=8:
PVCC = 6V
PVCC = 12 V
PVCC = 24 V
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
D017
Gain=26dB
TA=25qC
RL=4:
PVCC = 6V
PVCC = 12 V
PVCC = 24 V
11
TPA3126D2
www.ti.com
SLOS942 – APRIL 2018
Product Folder Links: TPA3126D2
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
fs = 400 kHz, Hybrid Mode, TPA3126D2EVM Tested With AP2722. (unless otherwise noted)
Figure 13. Power Efficiency (BTL) vs Output Power
Figure 14. Power Efficiency (BTL) vs Output Power
Figure 15. Crosstalk vs Frequency
Figure 16. Crosstalk vs Frequency
Figure 17. Supply Ripple Rejection Ratio (BTL) vs
Frequency
Figure 18. Total Harmonic Distortion + Noise (PBTL) vs
Frequency


Similar Part No. - TPA3126D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWP TI-TPA3120D2PWP Datasheet
752Kb / 23P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWP TI-TPA3120D2PWP Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWPG4 TI-TPA3120D2PWPG4 Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3126D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3156D2 TI1-TPA3156D2 Datasheet
3Mb / 40P
70-W, Analog Input, Stereo, Class-D Audio Amplifier With Low Idle Power Dissipation
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
logo
Cirrus Logic
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com