Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3126D2 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3126D2
Description  50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3126D2 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3126D2 Datasheet HTML 6Page - Texas Instruments TPA3126D2 Datasheet HTML 7Page - Texas Instruments TPA3126D2 Datasheet HTML 8Page - Texas Instruments TPA3126D2 Datasheet HTML 9Page - Texas Instruments TPA3126D2 Datasheet HTML 10Page - Texas Instruments TPA3126D2 Datasheet HTML 11Page - Texas Instruments TPA3126D2 Datasheet HTML 12Page - Texas Instruments TPA3126D2 Datasheet HTML 13Page - Texas Instruments TPA3126D2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Supply Voltage (V)
4
6
8
10
12
14
16
18
20
22
24
26
0
5
10
15
20
25
30
35
40
45
50
D014
D037
Gain=26dB
TA=25qC
RL=8:
THD+N=1%
THD+N=10%
Supply Voltage (V)
4
6
8
10
12
14
16
18
20
22
24
26
0
10
20
30
40
50
60
70
80
90
100
D015
D037
Gain=26dB
TA=25qC
RL=4:
THD+N=1%
THD+N=10%
PLIMIT Voltage(V)
1
2
3
4
5
0
10
20
30
40
50
D0012
Gain=26dB
TA=25qC
PVCC=24V
RL=4:
Frequency (Hz)
-50
-500
-40
-400
-30
-300
-20
-200
-10
-100
0
0
10
100
20
200
30
300
100
1k
10k
100k
20
20k
D022
D025
Gain=26dB
PVCC=12V
TA=25qC
RL=4:
Gain
Phase
Output Power (W)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
50
D010
Gain=26dB
PVCC=12V
TA=25qC
RL=8:
f= 20Hz
f= 1kHz
f= 6KHz
Output Power (W)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
50
D011
Gain=26dB
PVCC=24V
TA=25qC
RL=8:
f= 20Hz
f= 1kHz
f= 6KHz
10
TPA3126D2
SLOS942 – APRIL 2018
www.ti.com
Product Folder Links: TPA3126D2
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
fs = 400 kHz, Hybrid Mode, TPA3126D2EVM Tested With AP2722. (unless otherwise noted)
Figure 7. Total Harmonic Distortion + Noise (BTL) vs Output
Power
Figure 8. Total Harmonic Distortion + Noise (BTL) vs Output
Power
Figure 9. Output Power (BTL) vs PLIMIT Voltage
Figure 10. Gain/Phase (BTL) vs Frequency
Figure 11. Maximum Output Power (BTL) vs Supply Voltage
Figure 12. Maximum Output Power (BTL) vs Supply Voltage


Similar Part No. - TPA3126D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWP TI-TPA3120D2PWP Datasheet
752Kb / 23P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWP TI-TPA3120D2PWP Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWPG4 TI-TPA3120D2PWPG4 Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3126D2

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
2.8 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TPA3156D2 TI1-TPA3156D2 Datasheet
3Mb / 40P
70-W, Analog Input, Stereo, Class-D Audio Amplifier With Low Idle Power Dissipation
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com