Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3126D2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3126D2
Description  50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3126D2 Datasheet(HTML) 1 Page - Texas Instruments

  TPA3126D2 Datasheet HTML 1Page - Texas Instruments TPA3126D2 Datasheet HTML 2Page - Texas Instruments TPA3126D2 Datasheet HTML 3Page - Texas Instruments TPA3126D2 Datasheet HTML 4Page - Texas Instruments TPA3126D2 Datasheet HTML 5Page - Texas Instruments TPA3126D2 Datasheet HTML 6Page - Texas Instruments TPA3126D2 Datasheet HTML 7Page - Texas Instruments TPA3126D2 Datasheet HTML 8Page - Texas Instruments TPA3126D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Supply Voltage (V)
0
10
20
30
40
50
60
70
80
20
5
15
25
10
20
Gain = 26dB, TA = 25qC, RL = 8:
D002
TPA3116 (BD Mode)
TPA3126 (Hybrid Mode)
Audio
Source
And Control
RIGHT
LEFT
TPA3126D2
PLIMIT
MODSEL
SDZ
Power Limit
Mode Select
PVCC
Power Supply
4.5V t 26V
LC
Filter
LC
Filter
MUTE
FAULTZ
MONO
DETECT
PBTL
DETECT
AM Avoidance Control
AM2,1,0
GAIN/SLV
GAIN control and Master/Slave setting
SYNC
Capable of synchronizaing to other devices
AVCC
Separate Power
Supply (Optional)
4.5V-26V
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPA3126D2
SLOS942 – APRIL 2018
TPA3126D2 50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle
Current and AM Avoidance
1
1 Features
1
Longer Battery-Operating Time:
Ultra-Low Idle Current: 15 mA at 12 V
2 × 50 W Into a 4-Ω Load at 21 V, 10% THD+N
Wide Voltage Range: 4.5 V to 26 V
Highly Efficient Class-D Operation
Hybrid Modulation Scheme Dynamically
Reduces Power Loss
Low Rds(on) of 90-mΩ Enables > 90% Efficiency
Pop-and-Click Noise Suppression
Supports Stereo, Mono BTL and Mono PBTL
Multiple Switching Frequencies:
AM Avoidance
Master and Slave Synchronization
300-KHz to 1.2-MHz Switching Frequencies
Selectable Gains: 20 dB, 26 dB, 32 dB, 36 dB
Programmable Power Limit
Supports Both Single and Dual Power Supply
Integrated Protections with Error Report:
Overvoltage, Undervoltage, Overtemperature,
DC-Detect, and Short Circuit
Thermally Enhanced Package
DAD (32-Pin HTSSOP PowerPAD™ Up)
Performance Upgrade of the TPA3116D2
70% Less Idle Current; Pin-to-Pin Compatible
2 Applications
Speaker Docks
Bluetooth® and Wi-Fi Speakers
Voice Operated Speakers or Smart Speakers
Sound Bars
Bookshelf Stereo System
3 Description
The TPA3126D2 is a 50-W, stereo, low-idle-current
Class-D amplifier in a thermally enhanced package.
The TPA3126D2 includes TI's proprietary hybrid
modulation scheme, which dynamically reduces idle
current at low power levels to extend the battery life
of portable audio systems, like bluetooth speakers.
To further simply the design, the Class-D amplifier
integrates full protection features including short
circuit, thermal shutdown, overvoltage, undervoltage,
and DC speaker protection. Faults are reported back
to the processor to prevent devices from being
damaged during overload conditions.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA3126D2
HTSSOP (32)
11.00 mm × 6.20 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACER
TPA3126 and TPA3116 Idle Current
Simplified Application Circuit


Similar Part No. - TPA3126D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWP TI-TPA3120D2PWP Datasheet
752Kb / 23P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWP TI-TPA3120D2PWP Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWPG4 TI-TPA3120D2PWPG4 Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3126D2

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
2.8 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TPA3156D2 TI1-TPA3156D2 Datasheet
3Mb / 40P
70-W, Analog Input, Stereo, Class-D Audio Amplifier With Low Idle Power Dissipation
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com