Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3126D2 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3126D2
Description  50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3126D2 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPA3126D2 Datasheet HTML 16Page - Texas Instruments TPA3126D2 Datasheet HTML 17Page - Texas Instruments TPA3126D2 Datasheet HTML 18Page - Texas Instruments TPA3126D2 Datasheet HTML 19Page - Texas Instruments TPA3126D2 Datasheet HTML 20Page - Texas Instruments TPA3126D2 Datasheet HTML 21Page - Texas Instruments TPA3126D2 Datasheet HTML 22Page - Texas Instruments TPA3126D2 Datasheet HTML 23Page - Texas Instruments TPA3126D2 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
20
TPA3126D2
SLOS942 – APRIL 2018
www.ti.com
Product Folder Links: TPA3126D2
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.3.13 Efficiency: LC Filter Required with the Traditional Class-D Modulation Scheme
Many traditional Class-D amplifiers are based on the AD modulation. Due to the out-of-phase nature of a BTL or
PBTL amplifier operating in the AD modulation, if no LC filter was present, the load sees the full PWM signal
across its terminals. This causes a high-frequency ripple current to pass through the load, which leads to high
power dissipation, poor efficiency, and potential speaker damage. The ripple current is large in the AD
modulation scheme, because it is proportional to voltage multiplied by the time at that voltage. The differential
voltage swing is 2 × VCC, and the time at each voltage is half the period for the AD modulation scheme. An ideal
LC filter is required to store the ripple current from each half cycle for the next half cycle, while any resistance
causes power dissipation. The speaker is both resistive and reactive, whereas an LC filter is almost purely
reactive.
The modulation schemes implemented in the TPA3126D2 have little loss in the load even without a filter because
the pulses are short and the change in voltage is VCC instead of 2 × VCC. As the output power increases and
the pulses widen, the ripple current can go up. In this case, the ripple current can be filtered with an LC filter for
increased efficiency. However, in most applications the filter is not required.
With an LC filter, specifically as the cut-off frequency of the LC filter is smaller than the PWM switching frequency
of the amplifier, the ripple current is reduced such that only a small residual ripple voltage is present after the LC
filter. The filter has less resistance but higher impedance at the switching frequency than the speaker, which
results in less power dissipation, hence increasing efficiency.
8.3.14 Ferrite Bead Filter Considerations
Using the Advanced Emissions Suppression Technology in the TPA3126D2, a high efficiency Class-D audio
amplifier can be designed while minimizing interference to the surrounding circuits. Designing the amplifier can
also be accomplished with only a low-cost ferrite bead filter. In this case the user must carefully select the ferrite
bead used in the filter. One important aspect of the ferrite bead selection is the type of material used in the ferrite
bead. Not all ferrite material is alike, therefore the user must select a material that is effective in the 10-MHz to
100-MHz range which is key to the operation of the Class-D amplifier. Many of the specifications regulating
consumer electronics have emissions limits as low as 30-MHz. The ferrite bead filter should be used to block
radiation in the 30-MHz and above range from appearing on the speaker wires and the power supply lines which
are good antennas for these signals. The impedance of the ferrite bead can be used along with a small capacitor
with a value in the range of 1000-pF to reduce the frequency spectrum of the signal to an acceptable level. For
best performance, the resonant frequency of the ferrite bead or capacitor filter should be less than 10-MHz.
Also, the ferrite bead must be large enough to maintain its impedance at the peak currents expected for the
amplifier. Some ferrite bead manufacturers specify the bead impedance at a variety of current levels. In this case
it is possible to make sure the ferrite bead maintains an adequate amount of impedance at the peak current the
amplifier will see. If these specifications are not available, the device can also estimate the bead current handling
capability by measuring the resonant frequency of the filter output at low power and at maximum power. A
change of resonant frequency of less than fifty percent under this condition is desirable. Examples of ferrite
beads which have been tested and work well with the TPA3136D2 can be seen in the TPA3136D2EVM user
guide SLOU444.
A high quality ceramic capacitor is also required for the ferrite bead filter. A low ESR capacitor with good
temperature and voltage characteristics will work best.
Additional EMC improvements may be obtained by adding snubber networks from each of the Class-D outputs to
ground. Suggested values for a simple RC series snubber network would be 18-Ω in series with a 330-pF
capacitor, although design of the snubber network is specific to different applications and must be designed with
the consideration of the parasitic reactance of the printed circuit board as well as the audio amp. Take care to
evaluate the stress on the component in the snubber network especially if the amp is running at high PVCC.
Also, verify the layout of the snubber network is tight and returns directly to the GND pins on the IC.
Figure 29 and Figure 30 are TPA3126D2 EN55022 Radiated Emissions results uses TPA3126D2EVM with 8-Ω
speakers.


Similar Part No. - TPA3126D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWP TI-TPA3120D2PWP Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWP TI-TPA3120D2PWP Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWPG4 TI-TPA3120D2PWPG4 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3126D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3156D2 TI1-TPA3156D2 Datasheet
3Mb / 40P
[Old version datasheet]   70-W, Analog Input, Stereo, Class-D Audio Amplifier With Low Idle Power Dissipation
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
   2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
logo
Cirrus Logic
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
   2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com