Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE3123 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE3123
Description  Phototransistor Silicon NPN, Intermediate Acceptance, High Sensitivity, Darlington
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE3123 Datasheet(HTML) 1 Page - NTE Electronics

  NTE3123 Datasheet HTML 1Page - NTE Electronics NTE3123 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE3123
Phototransistor
Silicon NPN, Intermediate Acceptance,
High Sensitivity, Darlington
Features:
D Epoxy Resin Package
D Compact
D Intermediate Acceptance: ∆q = ±40° Typ
D Visible Light Cut–Off
Applications:
D VCRs
D Optoelectronic Switches
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector–Emitter Voltage, VCEO
35V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Collector Voltage, VECO
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Power Disspation, PC
75mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–25
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature, TL
During Soldering, 1.4mm from surface of resin edge, 3sec
+260
°C
. . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics:
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Current
IC
VCE = 2V, Ev = 2 x, Note 1
0.2
0.4
0.8
mA
Collector Dark Current
ICBO
VCE = 10V, Ee = 0
10–6
A
Collector–Emitter Saturation Voltage VCE(sat) IC = 0.8mA, Ee = 1mW/cm2,
Note 1
1.0
V
Peak Emission Wavelength
λP
860
nm
Response Time (Rise)
tr
VCE = 2V, IC = 5mA, RL = 100Ω
400
2000
µs
Response Time (Fall)
tf
300
1500
µs
Half Intensity Angle
∆q
±40
deg.
Note 1. Ee, Ev: Illuminance, irradiance by CIE standard light source A (tungsten lamp).


Similar Part No. - NTE3123

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE312 NTE-NTE312 Datasheet
24Kb / 3P
   N-Channel Silicon Junction Field Effect Transistor
NTE3120 NTE-NTE3120 Datasheet
19Kb / 2P
   Silicon NPN Phototransistor Detector
NTE3122 NTE-NTE3122 Datasheet
19Kb / 2P
   Phototransistor Silicon NPN, Narrow Acceptance, High Sensitivity, Darlington
More results

Similar Description - NTE3123

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT491 SHARP-PT491 Datasheet
66Kb / 4P
   Intermediate Acceptance High Sensitivity Phototransistor
logo
NTE Electronics
NTE3122 NTE-NTE3122 Datasheet
19Kb / 2P
   Phototransistor Silicon NPN, Narrow Acceptance, High Sensitivity, Darlington
logo
Sharp Corporation
PT495F SHARP-PT495F Datasheet
43Kb / 3P
   Intermediate Acceptance High Sensitivity Phototransistor
PT431 SHARP-PT431 Datasheet
153Kb / 4P
   NARROW ACCEPTANCE, HIGH SENSITIVITY PHOTOTRANSISTOR
PT481 SHARP-PT481 Datasheet
66Kb / 4P
   Narrow Acceptance High Sensitivity Phototransistor
PT361 SHARP-PT361 Datasheet
114Kb / 3P
   COMPACT TYPE INTERMEDIATE ACCEPTANCE PHOTOTRANSISTOR
PT430 SHARP-PT430 Datasheet
154Kb / 4P
   Narrow Acceptance Phototransistor
logo
KODENSHI_AUK CORP.
ST-1CL3H KODENSHI-ST-1CL3H Datasheet
210Kb / 2P
   Photo transistors(high sensitivity NPN silicon phototransistor mounted)
ST-325 KODENSHI-ST-325 Datasheet
272Kb / 2P
   Photo transistors(high sensitivity NPN silicon phototransistor mounted)
logo
Sharp Corporation
PT480 SHARP-PT480 Datasheet
54Kb / 4P
   Narrow Acceptance Phototransistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com