Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE3117 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE3117
Description  Bar Graph Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE3117 Datasheet(HTML) 1 Page - NTE Electronics

  NTE3117 Datasheet HTML 1Page - NTE Electronics NTE3117 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE3115, NTE3116, NTE3117
Bar Graph Display
Description:
The NTE3115 (High–Efficiency Red), NTE3116 (High Efficiency Green), and NTE3117 (Yellow) are
10–segment bar graph displays with separate anodes and cathodes for each light segment. The
packages are end stackable.
Features:
D Large Segments, Closely Spaced
D End Stackable
D Fast Switching, Excellent for Multiplexing
D Low Power Consumption
D Directly Compatible with IC’s
D Wide Viewing Angle
D Standard .300” DIP Lead Spacing
D Categorized for Luminous Intensity (Note 1)
Absolute Maximum Ratings:
Power Dissipation (TA = +25°C)
750mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Linearly from 50
°C
–14.3mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
–40
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range
–40
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Forward Current
Total
NTE3115, NTE3116
300mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE3117
200mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Per Segment
NTE3115, NTE3116
30mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE3117
25mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reverse Voltage, Per Segment
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 5sec max, Note 2)
+260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Typical Thermal Characteristics:
Thermal Resistance, Junction–to–Free–Air, RthJA
160
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Wavelength Temperature Coefficient (Case Temperature)
1.0Å/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward Voltage Temperature Coefficient
NTE3115
–2.0mV/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE3116
1.4mV/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE3117
–1.5mV/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. The average Luminous Intensity is obtained by summing the Luminous Intensity of each seg-
ment and dividing by the total number of segments. The standard of measurement is the
Photo Research Corp. “Spectra” Microcandela Meter (Model IV–D) corrected for wave-
length. Intensity will not vary more than
±33.3% between all segments within a unit.
Note 2. Leads immersed to 1/16” (1.6mm) from the body of the device. Maximum unit surface tem-
perature is +140
°C. For flux removal, Freon TF, Freon TE, isoproponal or water may be used
up to their boiling points.


Similar Part No. - NTE3117

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE311 NTE-NTE311 Datasheet
21Kb / 2P
   Silicon NPN Transistor Frequency Multiplier, Driver, VHF/UHF
NTE3111 NTE-NTE3111 Datasheet
66Kb / 1P
   Red Bar Graph Display
NTE3113 NTE-NTE3113 Datasheet
71Kb / 2P
   Bar Graph Display
NTE3114 NTE-NTE3114 Datasheet
71Kb / 2P
   Bar Graph Display
More results

Similar Description - NTE3117

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3113 NTE-NTE3113 Datasheet
71Kb / 2P
   Bar Graph Display
NTE3111 NTE-NTE3111 Datasheet
66Kb / 1P
   Red Bar Graph Display
logo
LIGITEK electronics co....
LBD1301-24S-XX LIGITEK-LBD1301-24S-XX Datasheet
141Kb / 8P
   BAR GRAPH LED DISPLAY
logo
Lucky Light Electronic
KWL-401UX LUCKY-LIGHT-KWL-401UX Datasheet
44Kb / 1P
   Light Bar Graph Array Display
KWL-801UX LUCKY-LIGHT-KWL-801UX Datasheet
45Kb / 1P
   Light Bar Graph Array Display
KWL-1001UX LUCKY-LIGHT-KWL-1001UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
KWL-201UX LUCKY-LIGHT-KWL-201UX Datasheet
43Kb / 1P
   Light Bar Graph Array Display
KWL-701UX LUCKY-LIGHT-KWL-701UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
logo
Marktech Corporate
MTB10000-PG MARKTECH-MTB10000-PG Datasheet
333Kb / 3P
   10 Segment Green Bar Graph Display
logo
Hitachi Semiconductor
HA12010 HITACHI-HA12010 Datasheet
313Kb / 5P
   FLUORESCENT TUBE DRIVER FOR BAR GRAPH DISPLAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com