Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0603FPXXXM Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SF-0603FPXXXM
Description  Fast Acting Precision Surface Mount Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603FPXXXM Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SF-0603FPXXXM Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603FPXXXM Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603FPXXXM Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603FPXXXM Datasheet HTML 4Page - Bourns Electronic Solutions SF-0603FPXXXM Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SF-0603FPxxxMSeries-FastActingPrecisionSurfaceMountFuses
SinglFuseSF-0603FPxxxMSeriesApplications
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
How to Order
SF - 0603 FP 050 M - 2
SinglFuse™
Product Designator
SMD Footprint
0603=1608(EIA0603)size
FuseBlowType
FP = Fast acting precision
Rated Current
050~500(500mA~5.00A)
StructureType
M=Multilayer
PackagingType
- 2 = Tape & Reel
Typical Part Marking
Representstotalcontent.Layoutmay
vary.
RATED CURRENT (A)
C = 0.50
D = 0.75
E = 1.00
F = 1.25
G = 1.50
H = 1.75
I = 2.00
H
J = 2.50
K = 3.00
L = 3.50
M = 4.00
T = 4.50
N = 5.00
Packaging Quantity
6,000 pieces per 7-inch reel
Construction
CERAMIC
BODY
FUSE ELEMENT
TERMINATION
MARKING
MASKING LAYER
MASKING LAYER
MARKING
Current Rating Thermal Derating Curve
110
105
100
95
90
85
80
75
70
65
60
55
50
-55
-35
-15
525456585
105
125
145
165
MAXIMUM OPERATING TEMPERATURE (°C)
Operating Temperature................................................................................................................................................................-55°Cto+150°C
Storage Conditions
Temperature ..............................................................................................................................................................................+5°Cto+35°C
Humidity.........................................................................................................................................................................................40 % to 75 %
ShelfLife..........................................................................................................................................................2yearsfrommanufacturingdate
MoistureSensitivityLevel...................................................................................................................................................................................... 1
ESDClassification(HBM)............................................................................................................................................................................ Class 6
Environmental Characteristics
Product Dimensions
Recommended Pad Layout
1.00
(.039)
2.20
(.087)
0.80
(.031)
0.30 + 0.18 / - 0.08
(.012 + .007 / - .003)
0.80 ± 0.15
(.031 ± .006)
1.6 ± 0.15
(.063 ± .006)
0.80 ± 0.15
(.031 ± .006)
0.36 ± 0.15
(.014 ± .006)
n
Portablememory
n
LCDmonitors
n
Diskdrives
n
PDAs
n
Digitalcameras
n
MP3players
n
Cellphones
n
Rechargeablebatterypacks
n
Batterychargers
n
Set-topboxes
n
Industrialcontrollers
n
BatteryManagementSystems(BMS)
n
LEDlighting
n
Powertools
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SF-0603FPXXXM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
Fast Acting Precision Surface Mount Fuses
More results

Similar Description - SF-0603FPXXXM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF-0402FP BOURNS-SF-0402FP Datasheet
502Kb / 4P
Fast Acting Precision Surface Mount Fuses
SF-1206FP BOURNS-SF-1206FP Datasheet
859Kb / 4P
Fast Acting Precision Surface Mount Fuses
SF-0402FPXXXF BOURNS-SF-0402FPXXXF Datasheet
528Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF-0603FP BOURNS-SF-0603FP Datasheet
621Kb / 4P
Fast Acting Precision Surface Mount Fuses
SF-2410FPXXXW BOURNS-SF-2410FPXXXW Datasheet
493Kb / 5P
Fast Acting Precision Wire Core Surface Mount Fuses
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com