Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0603FPXXXM Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SF-0603FPXXXM
Description  Fast Acting Precision Surface Mount Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603FPXXXM Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SF-0603FPXXXM Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603FPXXXM Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603FPXXXM Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603FPXXXM Datasheet HTML 4Page - Bourns Electronic Solutions SF-0603FPXXXM Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
n
Singleblowfuseforovercurrentprotection
n
1608(EIA0603)miniaturefootprint
n
Fast-actingprecisionfuse
n
UL248-14listed
n
RoHScompliant*andhalogenfree**
n
MultilayerSMDdesign
n
Surfacemountpackagingforautomatedassembly
Electrical Characteristics
SF-0603FPxxxMSeries-FastActingPrecisionSurfaceMountFuses
Model
Rated Current
(Amps)
Fusing Time
Resistance
(Ω) Typ.***
Rated
Voltage
Interrupting
Rating
Typical
I2t (A2s) ****
SF-0603FP050M-2
0.50
Open within 5
sec. at 200 %
rated current
1.000
DC 32 V
DC 32 V
50 A
0.0093
SF-0603FP075M-2
0.75
0.450
0.0191
SF-0603FP100M-2
1.00
0.280
0.036
SF-0603FP125M-2
1.25
0.205
DC 32 V
35 A
0.063
SF-0603FP150M-2
1.50
0.143
0.095
SF-0603FP175M-2
1.75
0.095
0.140
SF-0603FP200M-2
2.00
0.073
0.210
SF-0603FP250M-2
2.50
0.046
0.300
SF-0603FP300M-2
3.00
0.039
0.460
SF-0603FP350M-2
3.50
0.028
0.730
SF-0603FP400M-2
4.00
0.023
1.150
SF-0603FP450M-2
4.50
0.019
1.680
SF-0603FP500M-2
5.00
0.015
2.620
Reliability Testing
SinglFuseSF-0603FPxxxMSeriesFeatures
*** Resistancevaluemeasuredwith≤10%ratedcurrentat25°Cambient.
**** Melting I2t calculated at 0.001 second pre-arcing time.
No.
Test
Requirement
Test Condition
Test Reference
1
Soldering heat
resistance
DCRchange≤±10%
No mechanical damage
Onedipat260°Cfor60seconds
MIL-STD-202
Method 210
2
Solderability
Minimum 95 % coverage
Onedipat245°Cfor5seconds
MIL-STD-202
Method 208
3
Thermal shock
DCRchange≤±10%
No mechanical damage
100cyclesbetween-65°Cand+125°C MIL-STD-202
Method 107
4
Moisture resistance
DCRchange≤±15%
No excessive corrosion
10cycles
MIL-STD-202
Method 106
5
Saltspray
DCRchange≤±10%
No excessive corrosion
48 hour exposure, 5 % salt solution
MIL-STD-202
Method 101
6
Mechanicalvibration DCRchange≤±10%
No mechanical damage
0.4inchD.A.or30Gbetween
5-3000 Hz
MIL-STD-202
Method 204
7
Mechanical shock
DCRchange≤±10%
No mechanical damage
1500G,0.5ms,half-sineshocks
MIL-STD-202
Method 213
8
Life
No electrical “opens” during testing
Voltagedropchangeshallbeless
than±20%ofinitialvalue
80%ratedcurrent(75%for<1Afuses)
for2000hoursatambienttemperature
between+20°Cand+30°C
RefertoSTP
document
* RoHSDirective2015/863,Mar31,2015andAnnex.
** Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)and
Chlorine(Cl)contentis1500ppmorless.
“SinglFuse”isatrademarkofBourns,Inc.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
ULFileNumber .................................................... E198545
http://www.ul.com/ FollowlinktoOnlineCertificatesDirectory,
then enter UL File No. E198545, or click here
Agency Recognition
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com


Similar Part No. - SF-0603FPXXXM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
Fast Acting Precision Surface Mount Fuses
More results

Similar Description - SF-0603FPXXXM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF-0402FP BOURNS-SF-0402FP Datasheet
502Kb / 4P
Fast Acting Precision Surface Mount Fuses
SF-1206FP BOURNS-SF-1206FP Datasheet
859Kb / 4P
Fast Acting Precision Surface Mount Fuses
SF-0402FPXXXF BOURNS-SF-0402FPXXXF Datasheet
528Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF-0603FP BOURNS-SF-0603FP Datasheet
621Kb / 4P
Fast Acting Precision Surface Mount Fuses
SF-2410FPXXXW BOURNS-SF-2410FPXXXW Datasheet
493Kb / 5P
Fast Acting Precision Wire Core Surface Mount Fuses
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com