Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-5.0-HDMI-N-RTXL Datasheet(PDF) 1 Page - Newhaven Display International, Inc.

Part # NHD-5.0-HDMI-N-RTXL
Description  THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-5.0-HDMI-N-RTXL Datasheet(HTML) 1 Page - Newhaven Display International, Inc.

  NHD-5.0-HDMI-N-RTXL Datasheet HTML 1Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C
B
A
D
E
F
C
B
A
D
E
F
4
3
2
1
8
7
6
5
4
3
2
1
8
7
6
5
CHECKED BY:
DRAWN DATE:
8/25/17
1:2
SHEET 1 OF 1
- THIRD ANGLE PROJECTION
DRAWING/PART NUMBER:
STANDARD TOLERANCES
(UNLESS OTHERWISE SPECIFIED)
LINEAR: ± 0.3mm
UNLESS OTHERWISE SPECIFIED
NHD-5.0-HDMI-N-RTXL
REVISION:
1.1
SIZE:
A3
SCALE:
DRAWN BY:
N. Patel
CHECKED DATE:
THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL, INC.
THE INFORMATION IT CONTAINS IS NOT TO BE DISCLOSED, REPRODUCED OR COPIED IN
WHOLE OR PART WITHOUT WRITTEN APPROVAL FROM NE WHAVEN DISPLAY.
- DIMENSIONS ARE IN MILLIMETERS
SYMBOL
REVISION
DATE
DO NOT SCALE DRAWING
P. Bartek
8/28/17
APPROVED BY:
APPROVED DATE:
8/29/17
M. LaVine
NOTES:
1. 5.0” Premium HDMI TFT Module
2. On-board Texas Instruments TFP401A HDMI/DVI Receiver
3. Optimal Viewing Direction: Full View
4. Display Mode: Transmissive / Normally White / Anti-Glare
5. Luminance: 500 cd/m²
6. 3M Brightness Enhancement Film
7. On-board Texas Instruments TPS61165 High Brightness LED Driver w/ PWM
Improper handling of the FPC connection at the bottom edge of this module may cause damage resulting in display failure.
Take special care when handling this area of the display module to make sure this connection is never strained nor creased.
120.7
111.1
60.35
2 0.2
5.1
16.1
135.8
128.7
CN1
CN2
CN3
CN4
[read caution below]
800(RGB)X480


Similar Part No. - NHD-5.0-HDMI-N-RTXL

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-5.0-HDMI-N-RTXL-CTU NEWHAVEN-NHD-5.0-HDMI-N-RTXL-CTU Datasheet
608Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-5.0-HDMI-N-RTXL-RTU NEWHAVEN-NHD-5.0-HDMI-N-RTXL-RTU Datasheet
613Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
More results

Similar Description - NHD-5.0-HDMI-N-RTXL

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-7.0-HDMI-N-RTXL-RTU NEWHAVEN-NHD-7.0-HDMI-N-RTXL-RTU Datasheet
588Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-7.0-HDMI-N-RSXV-RTU NEWHAVEN-NHD-7.0-HDMI-N-RSXV-RTU Datasheet
588Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-7.0-HDMI-N-RSXN-CTU NEWHAVEN-NHD-7.0-HDMI-N-RSXN-CTU Datasheet
598Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-7.0-HDMI-N-RSXV-CTU NEWHAVEN-NHD-7.0-HDMI-N-RSXV-CTU Datasheet
582Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-7.0-HDMI-N-RSXN-RTU NEWHAVEN-NHD-7.0-HDMI-N-RSXN-RTU Datasheet
589Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-7.0-HDMI-N-RSXV NEWHAVEN-NHD-7.0-HDMI-N-RSXV Datasheet
590Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-7.0-HDMI-N-RTXL-CTU NEWHAVEN-NHD-7.0-HDMI-N-RTXL-CTU Datasheet
596Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-5.0-HDMI-N-RTXL-CTU NEWHAVEN-NHD-5.0-HDMI-N-RTXL-CTU Datasheet
608Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-7.0-HDMI-N-RSXN NEWHAVEN-NHD-7.0-HDMI-N-RSXN Datasheet
591Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-7.0-HDMI-N-RTXL NEWHAVEN-NHD-7.0-HDMI-N-RTXL Datasheet
592Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com